Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA260AIPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA260AIPW
Description  Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA260AIPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA260AIPW Datasheet HTML 6Page - Texas Instruments INA260AIPW Datasheet HTML 7Page - Texas Instruments INA260AIPW Datasheet HTML 8Page - Texas Instruments INA260AIPW Datasheet HTML 9Page - Texas Instruments INA260AIPW Datasheet HTML 10Page - Texas Instruments INA260AIPW Datasheet HTML 11Page - Texas Instruments INA260AIPW Datasheet HTML 12Page - Texas Instruments INA260AIPW Datasheet HTML 13Page - Texas Instruments INA260AIPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
INA260
SBOS656A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
NOTE
Do not apply more than 36 V of actual voltage to the input pins.
There are no special considerations for power-supply sequencing because the common-mode input range and
power-supply voltage are independent of each other; therefore, the bus voltage can be present with the supply
voltage off, and vice-versa.
The device has two operating modes, continuous and triggered, that determine how the ADC operates following
these conversions. When the device is in the normal operating mode (that is, MODE bits of the Configuration
Register (00h) are set to '111'), it continuously converts an internal shunt voltage reading followed by a bus
voltage reading. After the measurement of the internal shunt voltage reading, the current value is calculated. This
current value is then used to calculate the power result. These values are subsequently stored in an
accumulator, and the measurement/calculation sequence repeats until the number of averages set in the
Configuration Register (00h) is reached. Following every sequence, the present set of values measured and
calculated are appended to previously collected values. After all of the averaging has been completed, the final
values for bus voltage, current, and power are updated in the corresponding registers that can then be read.
These values remain in the data output registers until they are replaced by the next fully completed conversion
results. Reading the data output registers does not affect a conversion in progress.
The mode control in the Configuration Register (00h) also permits selecting modes to convert only the current or
the bus voltage in order to further allow the user to configure the monitoring function to fit the specific application
requirements.
All current and power calculations are performed in the background and do not contribute to conversion time.
In triggered mode, writing any of the triggered convert modes into the Configuration Register (00h) (that is,
MODE bits of the Configuration Register (00h) are set to ‘001’, ‘010’, or ‘011’) triggers a single-shot conversion.
This action produces a single set of measurements; thus, to trigger another single-shot conversion, the
Configuration Register (00h) must be written to a second time, even if the mode does not change.
In addition to the two operating modes (continuous and triggered), the device also has a power-down mode that
reduces the quiescent current and turns off current into the device inputs, reducing the impact of supply drain
when the device is not being used. Full recovery from power-down mode requires 40µs. The registers of the
device can be written to and read from while the device is in power-down mode. The device remains in power-
down mode until one of the active modes settings are written into the Configuration Register (00h) .
Although the device can be read at any time, and the data from the last conversion remain available, the
Conversion Ready flag bit (Mask/Enable Register, CVRF bit) is provided to help coordinate one-shot or triggered
conversions. The Conversion Ready flag (CVRF) bit is set after all conversions, averaging, and multiplication
operations are complete.
The Conversion Ready flag (CVRF) bit clears under these conditions:
Writing to the Configuration Register (00h), except when configuring the MODE bits for power-down mode; or
Reading the Mask/Enable Register (06h)
8.3.3.1 Power Calculation
The Power is calculated following current and bus voltage measurements; see Figure 3. Again, these
calculations are performed in the background and do not add to the overall conversion time. These current and
power values are considered intermediate results (unless the averaging is set to 1) and are stored in an internal
accumulation register, not the corresponding output registers. Following every measured sample, the newly-
calculated values for current and power are appended to this accumulation register until all of the samples have
been measured and averaged based on the number of averages set in the Configuration Register (00h).


Similar Part No. - INA260AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200 Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA260AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253 TI1-INA253 Datasheet
639Kb / 24P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
[Old version datasheet]   INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com