Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZS4700 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # TZS4700
Description  SMALL SIGNAL ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

TZS4700 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  TZS4700 Datasheet HTML 1Page - EIC discrete Semiconductors TZS4700 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise noted )
Maximum DC
Voltage
Maximum Reverse
Zener Current
Regulation
Leakage Current
Min.
Nom.
(1)
Max.
IZT
IZM
(2)
ΔVZ
(4)
IR
(3)
at VR
(V)
(V)
(V)
(µA)
(mA)
(V)
(
μA)
(V)
TZS4678
1.710
1.8
1.89
50
120
0.70
7.5
1.0
TZS4679
1.900
2.0
2.10
50
110
0.70
5.0
1.0
TZS4680
2.090
2.2
2.310
50
100
0.75
4.0
1.0
TZS4681
2.280
2.4
2.520
50
95.0
0.80
2.0
1.0
TZS4682
2.565
2.7
2.835
50
90.0
0.85
1.0
1.0
TZS4683
2.850
3.0
3.150
50
85.0
0.90
0.8
1.0
TZS4684
3.135
3.3
3.465
50
80.0
0.95
7.5
1.5
TZS4685
3.420
3.6
3.780
50
75.0
0.95
7.5
2.0
TZS4686
3.705
3.9
4.095
50
70.0
0.97
5.0
2.0
TZS4687
4.085
4.3
4.515
50
65.0
0.99
4.0
2.0
TZS4688
4.465
4.7
4.935
50
60.0
0.99
10
3.0
TZS4689
4.845
5.1
5.355
50
55.0
0.97
10
3.0
TZS4690
5.320
5.6
5.880
50
50.0
0.96
10
4.0
TZS4691
5.890
6.2
6.510
50
45.0
0.95
10
5.0
TZS4692
6.460
6.8
7.140
50
35.0
0.90
10
5.10
TZS4693
7.125
7.5
7.875
50
31.8
0.75
10
5.70
TZS4694
7.790
8.2
8.610
50
29.0
0.50
1.0
6.20
TZS4695
8.265
8.7
9.135
50
27.4
0.10
1.0
6.60
TZS4696
8.645
9.1
9.555
50
26.2
0.08
1.0
6.90
TZS4697
9.500
10
10.50
50
24.8
0.10
1.0
7.60
TZS4698
10.45
11
11.55
50
21.6
0.11
0.05
8.40
TZS4699
11.40
12
12.60
50
20.4
0.12
0.05
9.10
TZS4700
12.35
13
13.65
50
19.0
0.13
0.05
9.80
TZS4701
13.30
14
14.70
50
17.5
0.14
0.05
10.6
TZS4702
14.25
15
15.75
50
16.3
0.15
0.05
11.4
TZS4703
15.20
16
16.80
50
15.4
0.16
0.05
12.1
TZS4704
16.15
17
17.85
50
14.5
0.17
0.05
12.9
TZS4705
17.10
18
18.90
50
13.2
0.18
0.05
13.6
TZS4706
18.05
19
19.95
50
12.5
0.19
0.05
14.4
TZS4707
19.00
20
21.00
50
11.9
0.20
0.01
15.2
TZS4708
20.90
22
23.10
50
10.8
0.22
0.01
16.7
TZS4709
22.80
24
25.20
50
9.90
0.24
0.01
18.2
TZS4710
23.75
25
26.25
50
9.50
0.25
0.01
19.0
TZS4711
25.65
27
28.35
50
8.80
0.27
0.01
20.4
TZS4712
26.60
28
29.40
50
8.50
0.28
0.01
21.2
TZS4713
28.50
30
31.50
50
7.90
0.30
0.01
22.8
TZS4714
31.35
33
34.65
50
7.20
0.33
0.01
25.0
TZS4715
34.20
36
37.80
50
6.60
0.36
0.01
27.3
TZS4716
37.05
39
40.95
50
6.10
0.39
0.01
29.6
TZS4717
40.85
43
45.15
50
5.50
0.43
0.01
32.6
Notes :
(1) The type number shown have a standard tolerance of± 5% on the nominal zener voltage
.
(2) Maximum zener current ratings are based on maximum zener voltage of the individual unit.
(3) Reverse leakage current are guaranteed and measured at VR as shown on the table.
(4) Voltage change is equal to the difference between VZ at 100 µA and VZ at 10 µA.
Page 2 of 2
Rev. 00 : November 14, 2008
Zener Voltage
VZ @ IZT
Type
www.eicsemi.com


Similar Part No. - TZS4700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZS4700 VISHAY-TZS4700 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
TZS4700 VISHAY-TZS4700 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4700 VISHAY-TZS4700 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - TZS4700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com