Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA220BQDGSRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA220BQDGSRQ1
Description  Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220BQDGSRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA220BQDGSRQ1 Datasheet HTML 2Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 3Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 4Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 5Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 6Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 7Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 8Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 9Page - Texas Instruments INA220BQDGSRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
INA220-Q1
SLOS785B – JUNE 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: INA220-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+ – VIN–) = 32 mV, VVBUS = 12 V, PGA = /1, and BRNG
(1) = 1, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (SDA as Input, SCL, A0, A1)
Input capacitance
3
pF
Leakage input current
0
≤ VIN ≤ VS
0.1
1
μA
VIH
Input logic-level high
0.7 (VS)
6
V
VIL
Input logic-level low
–0.3
0.3 (VS)
V
Hysteresis
500
mV
OPEN-DRAIN DIGITAL OUTPUTS (SDA)
Logic 0 output level
ISINK = 3 mA
0.15
0.4
V
High-level output leakage current
VOUT = VS
0.1
1
μA
POWER SUPPLY
Operating supply range
3
5.5
V
Quiescent current
0.7
1
mA
Quiescent current, power-down
mode
6
15
μA
Power-on reset threshold
2
V


Similar Part No. - INA220BQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220BQDGSRQ1 TI1-INA220BQDGSRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
More results

Similar Description - INA220BQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226-Q1 TI-INA226-Q1_15 Datasheet
996Kb / 38P
[Old version datasheet]   INA226-Q1 Automotive Grade, 36-V, Bi-Directional, Zero-Drift, High Accuracy, Low- orHigh-Side, I2C Compatible Current/Power Monitor with Programmable Over-Current Alert
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
logo
Texas Instruments
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com