Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2143 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA2143
Description  DIFFERENCE AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2143 Datasheet(HTML) 5 Page - Texas Instruments

  INA2143 Datasheet HTML 1Page - Texas Instruments INA2143 Datasheet HTML 2Page - Texas Instruments INA2143 Datasheet HTML 3Page - Texas Instruments INA2143 Datasheet HTML 4Page - Texas Instruments INA2143 Datasheet HTML 5Page - Texas Instruments INA2143 Datasheet HTML 6Page - Texas Instruments INA2143 Datasheet HTML 7Page - Texas Instruments INA2143 Datasheet HTML 8Page - Texas Instruments INA2143 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
INA143, INA2143
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, G = 10, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
10k
100k
1M
5
0
–5
–10
–15
–20
V
S = ±15V or ±5V
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
100
10k
100k
1k
1M
100
90
80
70
60
50
40
V
S = ±15V or ±5V
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
1
100
1k
10k
10
100k
120
100
80
60
40
20
–PSRR
+PSRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
10k
100k
1M
32
28
24
20
16
12
8
4
0
V
S = ±15V
V
S = ±5V
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
0
5
10
–5
–10
15
20
15
10
5
0
–5
–10
–15
–20
V
S = ±5V
V
S = ±15V
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
20
1k
10k
100
20k
0.1
0.01
0.001
500kHz Filter


Similar Part No. - INA2143

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA2143U BURR-BROWN-INA2143U Datasheet
145Kb / 10P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA2143UA BURR-BROWN-INA2143UA Datasheet
145Kb / 10P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
More results

Similar Description - INA2143

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Analog Devices
UG-744 AD-UG-744 Datasheet
392Kb / 7P
   Evaluating the AD8273/AD8277/AD8279 Difference Amplifiers
Rev. A
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
National Semiconductor ...
LMP8270 NSC-LMP8270 Datasheet
458Kb / 5P
   High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
LMP8272 NSC-LMP8272 Datasheet
457Kb / 5P
   High Common Mode, Gain of 14, Precision Voltage Difference Amplifiers
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
logo
National Semiconductor ...
LMP8271 NSC-LMP8271 Datasheet
468Kb / 5P
   High Common Mode, Gain of 20, Bidirectional Precision Voltage Difference Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com