Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTZJ2.7 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part No. MTZJ2.7
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MTZJ2.7 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MTZJ2.7 Datasheet HTML 1Page - EIC discrete Semiconductors MTZJ2.7 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MTZJ Series
ZENER DIODES
PD : 500 mW
FEATURES :
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA
Case: DO-34 Glass Case
Weight: approx. 0.093g
MAXIMUM RATINGS
Rating at 25
C ambient temperature unless otherwise specified
Parameter
Symbol
Value
Unit
Power Dissipation
PD
500
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Tstg
- 65 to + 175
°C
Page 1 of 2
Rev. 06 : May 10, 2012
700
100
200
300
400
500
600
0
0
25
50
75
100 125
150 175 200
Ambient Temperture , Ta (
°C)
Derating Curve
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
IATF 0113686
SGS TH07/1033
TH09/2479
TH97/2478


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn