Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0291X01 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1A0291X01
Description  PB/REC PRE AMP FOR 2 DECK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0291X01 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1A0291X01 Datasheet HTML 1Page - Samsung semiconductor S1A0291X01 Datasheet HTML 2Page - Samsung semiconductor S1A0291X01 Datasheet HTML 3Page - Samsung semiconductor S1A0291X01 Datasheet HTML 4Page - Samsung semiconductor S1A0291X01 Datasheet HTML 5Page - Samsung semiconductor S1A0291X01 Datasheet HTML 6Page - Samsung semiconductor S1A0291X01 Datasheet HTML 7Page - Samsung semiconductor S1A0291X01 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PB/REC PRE AMP FOR 2 DECK
S1A0291X01
5
APPLICATION INFORMATION
1. R/P SWITCH
Apply R/P input voltage at PIN 8.
PLAY: 0V (GND)
REC: 4.5V
− 12V (Do not apply above 13V).
Only valid A/B input select in playback mode.
In record mode, the playback A-input is available and the ALC is turned on by record bias.
A. Record Mode Schematic
8
5
CONTROL
CONTROL
REC BIAS ON
PLAYBACK
BIAS
A/B SELECT SW
R/P SW
R
VCC
B-INPUT BIAS
A-INPUT AVAILABLE
A/B SELECT
A-INPUT
BIAS
DISABLE
P


Similar Part No. - S1A0291X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
S1A0292A01-Q1R0 SAMSUNG-S1A0292A01-Q1R0 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
More results

Similar Description - S1A0291X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
logo
Hitachi Semiconductor
HA12232FP HITACHI-HA12232FP Datasheet
70Kb / 14P
   Audio Signal Pre-Amp. for Car Deck
logo
Renesas Technology Corp
HA12232FP RENESAS-HA12232FP Datasheet
210Kb / 12P
   Audio Signal Pre-Amp. for Car Deck
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
logo
Toshiba Semiconductor
TA8142AP TOSHIBA-TA8142AP Datasheet
329Kb / 8P
   REC/PLAY PRE AMP SYSTEM FOR DOUBLE CASSETTE
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
   2-channel REC/PB Amplifier for 8 mm VTR
logo
Toshiba Semiconductor
TA8155FG TOSHIBA-TA8155FG Datasheet
1Mb / 17P
   REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com