Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1608KY Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608KY
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608KY Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1608KY Datasheet HTML 7Page - Texas Instruments PCM1608KY Datasheet HTML 8Page - Texas Instruments PCM1608KY Datasheet HTML 9Page - Texas Instruments PCM1608KY Datasheet HTML 10Page - Texas Instruments PCM1608KY Datasheet HTML 11Page - Texas Instruments PCM1608KY Datasheet HTML 12Page - Texas Instruments PCM1608KY Datasheet HTML 13Page - Texas Instruments PCM1608KY Datasheet HTML 14Page - Texas Instruments PCM1608KY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
PCM1608
11
SBAS164A
FIGURE 4. Audio Data Input Formats.
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 48f
S or 64fS)
18-Bit Right-Justified
DATA
DATA
(2) I
2S Data Format: L-Channel = LOW, R-Channel = HIGH
(3) Left-Justified Data Format: L-Channel = HIGH, R-Channel = LOW
(1) Standard Data Format: L-Channel = HIGH, R-Channel = LOW
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32f
S, 48fS or 64fS)
1
2
3
N-2 N-1 N
1
2
1
2
3
N-2 N-1 N
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32f
S, 48fS or 64fS)
2
1
1
2
3
N-2 N-1 N
1
2
3
N-2 N-1 N
14 15 16
16 17 18
18 19 20
14 15 16
12
3
DATA
22 23 24
22 23 24
12
3
DATA
18 19 20
1
23
DATA
16 17 18
1
23
DATA
24-Bit Right-Justified
14 15 16
12
3
22 23 24
12
3
18 19 20
1
23
17 18
1
2
20-Bit Right-Justified
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
14 15 16
14 15 16
12
3
DATA
16-Bit Right-Justified, BCK = 32f
S
14 15 16
12
3
LSB
MSB
LSB
MSB
16-Bit Right-Justified, BCK = 48f
S or 64fS
SERIAL CONTROL INTERFACE
The serial control interface is a 4-wire synchronous serial
port that operates asynchronously to the serial audio inter-
face. The serial control interface is utilized to program and
read the on-chip mode registers. The control interface in-
cludes MDO (pin 33), MDI (pin 34), MC (pin 35), and ML
(pin 36). MDO is the serial data output, used to read back the
values of the mode registers; MDI is the serial data input,
used to program the mode registers; MC is the serial bit
clock, used to shift data in and out of the control port; and
ML is the control port latch clock.


Similar Part No. - PCM1608KY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608KY TI1-PCM1608KY Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1608KY/2K TI1-PCM1608KY/2K Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1608KYG4 TI1-PCM1608KYG4 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
More results

Similar Description - PCM1608KY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
   24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
[Old version datasheet]   24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com