Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS5404T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTHS5404T1
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS5404T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NTHS5404T1 Datasheet HTML 1Page - ON Semiconductor NTHS5404T1 Datasheet HTML 2Page - ON Semiconductor NTHS5404T1 Datasheet HTML 3Page - ON Semiconductor NTHS5404T1 Datasheet HTML 4Page - ON Semiconductor NTHS5404T1 Datasheet HTML 5Page - ON Semiconductor NTHS5404T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 3
1
Publication Order Number:
NTHS5404T1/D
NTHS5404
Power MOSFET
20 V, 7.2 A, N−Channel ChipFET
E
Features
Low R
DS(on) for Higher Efficiency
Logic Level Gate Drive
Miniature ChipFET Surface Mount Package Saves Board Space
Pb−Free Package is Available
Applications
Power Management in Portable and Battery−Powered Products; i.e.,
Cellular and Cordless Telephones and PCMCIA Cards
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
5 Secs
Steady
State
Unit
Drain−Source Voltage
VDS
20
V
Gate−Source Voltage
VGS
"12
V
Continuous Drain Current
(TJ = 150°C) (Note 1)
TA = 25°C
TA = 85°C
ID
7.2
5.2
5.2
3.8
A
Pulsed Drain Current
IDM
"20
A
Continuous Source Current
(Diode Conduction) (Note 1)
IS
7.2
5.2
A
Maximum Power Dissipation
(Note 1)
TA = 25°C
TA = 85°C
PD
2.5
1.3
1.3
0.7
W
Operating Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Surface Mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq
[1 oz] including traces).
Device
Package
Shipping
ORDERING INFORMATION
NTHS5404T1
ChipFET
3000/Tape & Reel
G
D
S
D
D
D
D
D
1
2
3
4
5
6
7
8
PIN
CONNECTIONS
G
D
S
N−Channel MOSFET
ChipFET
CASE 1206A
STYLE 1
MARKING
DIAGRAM
A2 = Specific Device Code
M = Month Code
1
2
3
4
8
7
6
5
http://onsemi.com
20 V
25 m
W @ 4.5 V
RDS(on) TYP
7.2 A
ID MAX
V(BR)DSS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NTHS5404T1G
ChipFET
(Pb−Free)
3000/Tape & Reel


Similar Part No. - NTHS5404T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5404 ONSEMI-NTHS5404 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NTHS5404T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com