Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT6868AH-0046 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NT6868AH-0046
Description  Keyboard Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT6868AH-0046 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NT6868AH-0046 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 10Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 11Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 12Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 13Page - List of Unclassifed Manufacturers NT6868AH-0046 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NT6868A
10
Application Circuit For Windows 2000 Standard Code
NT6868A/C
47K
.1uF
10uF
VDD
GND
DATA
CLOCK
Scroll Lock
Num Lock
Caps Lock
R_OSC
LED 0
LED 1
LED 2
VDD
GND
DATA
CLOCK
P20
P21
P22
P23
P24
P25
P26
P27
P15
P30
P31
P00
P01
P02
P03
P04
P13
P14
P12
P10
P07
P06
P05
P11
P16
P17
S0
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
S17
R0
R1
R2
R3
R4
R5
R6
R7
P32
S18
0.1uF
RESET
10


Similar Part No. - NT6868AH-0046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
NT6868CH ETC-NT6868CH Datasheet
211Kb / 15P
   Keyboard Controller
More results

Similar Description - NT6868AH-0046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
   Keyboard Controller
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
   KEYBOARD CONTROLLER
logo
Winbond
W83C43 WINBOND-W83C43 Datasheet
264Kb / 21P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
   VT82C42 Keyboard Controller
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com