Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU046-1212C1 Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU046-1212C1
Description  CITILED COB Series Standard Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU046-1212C1 Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU046-1212C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLU046-1212C1 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Ref.CE-P3083 04/15
5. Reliability
5-1. Reliability Test
5-2. Failure Criteria
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
85 C, 85 %RH for 500 hours
Thermal Shock Test
Continuous Operation Test
High Temperature Storage Test
Low Temperature Storage Test
Moisture-proof Test
IF=1080mA Tj=140C (with Al-fin) ×1000hrs
Test Item
100 C × 1000 hours
-40 C × 1000 hours
Test Condition
IF=1080mA Ta=25C (with Al-fin) ×1000hrs
9
( Tc=25C )
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
Total Luminous Flux
Φv
If=1080mA
<S × 0.85
Measuring Item
Symbol
Measuring Condition
Failure Criteria
Forward Voltage
Vf
If=1080mA
>U × 1.1


Similar Part No. - CLU046-1212C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU046-1812C1 CITIZEN-CLU046-1812C1 Datasheet
734Kb / 15P
   CITILED COB Series Standard Type
CLU046-1818C1 CITIZEN-CLU046-1818C1 Datasheet
734Kb / 15P
   CITILED COB Series
CLU046-1818C1-273M2G2 CITIZEN-CLU046-1818C1-273M2G2 Datasheet
734Kb / 15P
   CITILED COB Series
CLU046-1818C1-303M2G2 CITIZEN-CLU046-1818C1-303M2G2 Datasheet
734Kb / 15P
   CITILED COB Series
CLU046-1818C1-30AL7G4 CITIZEN-CLU046-1818C1-30AL7G4 Datasheet
734Kb / 15P
   CITILED COB Series
More results

Similar Description - CLU046-1212C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU026-1204C1 CITIZEN-CLU026-1204C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU026-1203C1 CITIZEN-CLU026-1203C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1201C1 CITIZEN-CLU026-1201C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU056-3618C1 CITIZEN-CLU056-3618C1 Datasheet
736Kb / 15P
   CITILED COB Series Standard Type
CLU036-1206C1 CITIZEN-CLU036-1206C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1202C1 CITIZEN-CLU026-1202C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU036-1208C1 CITIZEN-CLU036-1208C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU038-1208C4 CITIZEN-CLU038-1208C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4 Datasheet
756Kb / 15P
   CITILED COB Series Standard Type
CLU036-1205C1 CITIZEN-CLU036-1205C1 Datasheet
749Kb / 15P
   CITILED COB Series Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com