Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT6868A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NT6868A
Description  Keyboard Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT6868A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NT6868A Datasheet HTML 2Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 3Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 4Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 5Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 6Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 7Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 8Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 9Page - List of Unclassifed Manufacturers NT6868A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NT6868A
6
I/O Ports
The NT6868A has 31 pins dedicated to input and output. These pins are grouped into 6 ports, as follows:
PORT 0 (P00 - P07):
Port 0 is an 8-bit bi-directional CMOS I/O port that is internally pulled High by PMOS. Each pin of port 0 can be bit
programmed as an input or output pin under the software control. When programmed as output, data is latched to the port
data register and output to the pin. Port 0 pins with ''1'' written to them are pulled high by the internal PMOS pull-ups, and
are used as inputs in that state. These input signals can then be read. The port output is High after reset.
PORT 1 ( P10 - P17 ) : Functions the same as PORT 0.
PORT 2 ( P20 - P27) : Functions the same as PORT 0.
PORT 3 ( P30 - P34) : Functions the same as PORT 0.
CLK & DATA
: These two pins have the same structure as I/O ports, except for the 10K
Ω internal pull-ups.
PORT Registers:
Addr.
Bit
7
6
5
4
3
2
1
0
$00C3
PORT0
PD07
PD06
PD05
PD04
PD03
PD02
PD01
PD00
(RW)
$00C4
PORT1
PD17
PD16
PD15
PD14
PD13
PD12
PD11
PD10
(RW)
$00C5
PORT2
PD27
PD26
PD25
PD24
PD23
PD22
PD21
PD20
(RW)
$00C6
PORT3
-
-
-
PD34
PD33
PD32
PD31
PD30
(RW)
$00C7
CLK
-
-
-
-
-
-
-
CLK
(RW)
$00C8
DATA
-
-
-
-
-
-
-
DATA
(RW)
SD
D
L
Q
Latch
WREN
DB
RST
RDENB
IO
VDD
Weak PMOS
IO Port Structure


Similar Part No. - NT6868A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
NT6868CH ETC-NT6868CH Datasheet
211Kb / 15P
   Keyboard Controller
More results

Similar Description - NT6868A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
   Keyboard Controller
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
   KEYBOARD CONTROLLER
logo
Winbond
W83C43 WINBOND-W83C43 Datasheet
264Kb / 21P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
   VT82C42 Keyboard Controller
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com