Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E110 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPD4E110
Description  4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD4E110_16 Datasheet HTML 4Page - Texas Instruments TPD4E110_16 Datasheet HTML 5Page - Texas Instruments TPD4E110_16 Datasheet HTML 6Page - Texas Instruments TPD4E110_16 Datasheet HTML 7Page - Texas Instruments TPD4E110_16 Datasheet HTML 8Page - Texas Instruments TPD4E110_16 Datasheet HTML 9Page - Texas Instruments TPD4E110_16 Datasheet HTML 10Page - Texas Instruments TPD4E110_16 Datasheet HTML 11Page - Texas Instruments TPD4E110_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
1
2
4
3
GND
Tx
Rx
TPD4E110
SLVSC54B – JULY 2013 – REVISED APRIL 2014
www.ti.com
9 Applications and Implementation
9.1 Application Information
TPD4E110 is a diode array type Transient Voltage Suppressor (TVS) which is typically used to provide a path to
ground for dissipating ESD events on hi-speed signal lines between a human interface connector and a system.
As the current from ESD passes through the TVS, only a small voltage drop is present across the diode. This is
the voltage presented to the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a
tolerable level to the protected IC.
9.2 Typical Application
Figure 10. Protecting a Pair of Super-Speed Data Lines
9.2.1 Design Requirements
For this design example, use the following as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Signal range on Pin 1, 2, 3, or 4
0V to 5.5V
Operating Frequency
3.0 GHz
9.2.2 Detailed Design Procedure
To begin the design process some parameters must be decided upon. The designer needs to know the following:
Signal range on all the protected lines
Operating frequency
9.2.2.1 Signal range on Terminal 1, 2, 3, or 4
TPD4E110 has 4 identical protection channels for signal lines. The symmetry of TPD4E110 provides flexibility
when selecting which of the 4 IO channels will protect which signal lines. Any IO will support a signal range of 0V
to 5.5V.
9.2.2.2 Operating Frequency
The 0.45pF capacitance of each IO channel supports data rates up to 6Gbps.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPD4E110


Similar Part No. - TPD4E110_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
More results

Similar Description - TPD4E110_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com