Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E001QDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E001QDBVRQ1
Description  4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001QDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4E001QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPD4E001QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
GND
V
CC
1
2
6
3
5
4
I
1
O
IO4
IO3
IO2
TPD4E001-Q1
www.ti.com
SLLSEG0D – MARCH 2013 – REVISED AUGUST 2015
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
GND
Ground
IO1
1
IO2
3
I/O
ESD-protected channel
IO3
4
IO4
6
VCC
5
I
Power-supply input. Bypass VCC to GND with a 0.1-μF ceramic capacitor.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.3
7
V
VIO
I/O voltage tolerance
–0.3
VCC + 0.3
V
IPP
Peak pulse current (Tp = 8/20 µs)(2)
5.5
A
PPP
Peak pulse power (Tp = 8/20 µs)(2)
100
W
TA
Free air operating temperature
–40
125
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Non-repetitive current pulse 8/20 µs exponentially decaying waveform according to IEC 61000-4-5.
6.2 ESD Ratings: AEC Q100
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±15000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 ESD Ratings: IEC 61000-4-2
VALUE
UNIT
IEC 61000-4-2 contact discharge
±8000
V(ESD)
Electrostatic discharge
V
IEC 61000-4-2 air-gap discharge
±15000
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD4E001-Q1


Similar Part No. - TPD4E001QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI-TPD4E001 Datasheet
200Kb / 10P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI1-TPD4E001 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD4E001QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_14 Datasheet
732Kb / 14P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI-TPD4E001_11 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
logo
Leshan Radio Company
LRC099-04ABT1G LRC-LRC099-04ABT1G Datasheet
458Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099-04DT1G LRC-LRC099-04DT1G Datasheet
361Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com