Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD3S0x4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD3S0x4
Description  Current Limit Switch and D/D??ESD Protection for USB Host Ports
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S0x4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD3S0x4 Datasheet HTML 3Page - Texas Instruments TPD3S0x4 Datasheet HTML 4Page - Texas Instruments TPD3S0x4 Datasheet HTML 5Page - Texas Instruments TPD3S0x4 Datasheet HTML 6Page - Texas Instruments TPD3S0x4 Datasheet HTML 7Page - Texas Instruments TPD3S0x4 Datasheet HTML 8Page - Texas Instruments TPD3S0x4 Datasheet HTML 9Page - Texas Instruments TPD3S0x4 Datasheet HTML 10Page - Texas Instruments TPD3S0x4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Time (ms)
-10
-5
0
5
10
15
20
25
30
35
0
0
0.5
0.08
1
0.16
1.5
0.24
2
0.32
2.5
0.4
3
0.48
3.5
0.56
4
0.64
4.5
0.72
5
0.8
5.5
0.88
6
0.96
6.5
1.04
7
1.12
7.5
1.2
D001
IN
OUT
EN
IOUT
Time (µs)
-4
-2
0
2
4
6
8
10
12
14
16
18
0
-4
0.5
0
1
4
1.5
8
2
12
2.5
16
3
20
3.5
24
4
28
4.5
32
5
36
5.5
40
6
44
6.5
48
7
52
7.5
56
D001
CIN = 300 2F, COUT = 150 2F
IN
OUT
IOUT
Time (ms)
-6
-4
-2
0
2
4
6
8
10
12
14
16
0
0
0.5
0.1
1
0.2
1.5
0.3
2
0.4
2.5
0.5
3
0.6
3.5
0.7
4
0.8
4.5
0.9
5
1
5.5
1.1
6
1.2
6.5
1.3
7
1.4
7.5
1.5
D001
IN
OUT
EN
IOUT
Time (ms)
-6
-4
-2
0
2
4
6
8
10
12
14
16
0
0
0.5
0.1
1
0.2
1.5
0.3
2
0.4
2.5
0.5
3
0.6
3.5
0.7
4
0.8
4.5
0.9
5
1
5.5
1.1
6
1.2
6.5
1.3
7
1.4
7.5
1.5
D001
IN
OUT
EN
IOUT
OUT
RLOAD
IN
150µF
0.1µF
1
EN
D1
D2
GND
Enable
Signal
VIN
VOUT
IOUT
TPD3S014, TPD3S044
www.ti.com
SLVSCP4B – OCTOBER 2014 – REVISED AUGUST 2015
7.7 Typical Characteristics
(1)
During the short applied tests, 300µF is used because of the use of an external supply.
Figure 1. Test Circuit for System Operation in Typical Characteristics
Figure 2. TPD3S014 Turn ON into 10
Figure 3. TPD3S014 Enable into Short
Figure 4. TPD3S014 Pulsed Output Short
Figure 5. TPD3S014 Short Applied
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD3S014 TPD3S044


Similar Part No. - TPD3S0x4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S0 TI1-TPD3S0 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014TDBVRQ1 TI1-TPD3S014TDBVRQ1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

Similar Description - TPD3S0x4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com