Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD3S0x4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD3S0x4
Description  Current Limit Switch and D/D??ESD Protection for USB Host Ports
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S0x4 Datasheet(HTML) 5 Page - Texas Instruments

  TPD3S0x4 Datasheet HTML 1Page - Texas Instruments TPD3S0x4 Datasheet HTML 2Page - Texas Instruments TPD3S0x4 Datasheet HTML 3Page - Texas Instruments TPD3S0x4 Datasheet HTML 4Page - Texas Instruments TPD3S0x4 Datasheet HTML 5Page - Texas Instruments TPD3S0x4 Datasheet HTML 6Page - Texas Instruments TPD3S0x4 Datasheet HTML 7Page - Texas Instruments TPD3S0x4 Datasheet HTML 8Page - Texas Instruments TPD3S0x4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPD3S014, TPD3S044
www.ti.com
SLVSCP4B – OCTOBER 2014 – REVISED AUGUST 2015
7.4 Thermal Information
TPD3S0x4
THERMAL METRIC(1)(2)
DBV (SOT-23)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
185.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
124.7
°C/W
RθJB
Junction-to-board thermal resistance
32.0
°C/W
ψJT
Junction-to-top characterization parameter
23.7
°C/W
ψJB
Junction-to-board characterization parameter
31.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
RθJA(Custom)
See the Power Dissipation and Junction Temperature section
120.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
See Device Comparison Table.
7.5 Electrical Characteristics: TJ = TA = 25°C
Unless otherwise noted: VIN = 5 V, VEN = VIN, IOUT = 0 A. See Device Comparison Table for the rated current of each part
number. Parametrics over a wider operational range are shown in the second Electrical Characteristics: –40°C ≤ TJ ≤ 125°C
table.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
TPD3S014
97
110
TPD3S014: –40°C
≤ (TJ, TA) ≤ 85°C
96
130
RDS(on)
Input – Output resistance
m
Ω
TPD3S044
74
91
TPD3S044: –40°C
≤ (TJ, TA) ≤ 85°C
74
106
CURRENT LIMIT
TPD3S014
0.67
0.85
1.01
IOS
(2)
Current limit, see Figure 27
A
TPD3S044
1.70
2.15
2.50
SUPPLY CURRENT
IOUT = 0A
0.02
1
ISD
Supply current, switch disabled
µA
–40°C
≤ (TJ, TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A
2
IOUT = 0A
66
74
ISE
Supply current, switch enabled
µA
–40°C
≤ (TJ, TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A
85
VOUT = 5 V, VIN = 0 V, Measure IVOUT
0.2
1
IREV
Reverse leakage current
µA
–40°C
≤ (TJ, TA) ≤ 85°C, VOUT = 5 V, VIN = 0 V,
5
measure IVOUT
OUTPUT DISCHARGE
RPD
Output pull-down resistance(3)
VIN = VOUT = 5 V, disabled
400
456
600
Ω
ESD PROTECTION
Differential capacitance between
ΔCIO
ƒ = 1 MHz, VIO = 2.5 V
0.02
pF
the D1, D2 lines
CIO
(D1, D2 to GND)
ƒ = 1 MHz, VIO = 2.5 V
1.4
pF
Dx to GND
Dynamic on-resistance D1, D2
RDYN
0.2
Ω
IEC clamps(4)
GND to Dx
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
See Current Limit for explanation of this parameter.
(3)
These Parameters are provided for reference only, and do not constitute a part of TI’s published device specifications for purposes of
TI’s product warranty.
(4)
RDYN was extracted using the least squares first of the TLP characteristics between I = 20 A and I = 30 A.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD3S014 TPD3S044


Similar Part No. - TPD3S0x4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S0 TI1-TPD3S0 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014TDBVRQ1 TI1-TPD3S014TDBVRQ1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

Similar Description - TPD3S0x4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com