Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E2U06QDCKRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E2U06QDCKRQ1
Description  Automotive Dual-Channel High-Speed ESD Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06QDCKRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2E2U06QDCKRQ1 Datasheet HTML 1Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 2Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 3Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 4Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 5Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 6Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 7Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 8Page - Texas Instruments TPD2E2U06QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
TPD2E2U06-Q1
www.ti.com
SLLSEJ9D – DECEMBER 2014 – REVISED MAY 2016
Product Folder Links: TPD2E2U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Transmission Line Pulse with 10-ns rise time, 100-ns width.
(2)
Measured at 25°C.
(3)
Extraction of RDYN Using least squares fit of TLP characteristics between I = 20 A and I = 30 A.
6.7 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 10 µA
5.5
V
VCLAMP
IO to GND
IPP = 1 A, TLP
(1) (2)
9.7
V
IPP = 5 A, TLP
(1) (2)
12.4
VCLAMP
GND to IO
IPP = 1 A, TLP
(1) (2)
1.9
V
IPP = 5 A, TLP
(1) (2)
4
RDYN
Dynamic resistance
IO to GND(3)(2)
0.6
Ω
GND to IO(3)(2)
0.4
CL
Line capacitance
f = 1 MHz, VBIAS = 2.5 V
(2)
1.5
1.9
pF
CCROSS
Channel-to-channel input
capacitance
Pin 3 = 0 V, f = 1 MHz, VBIAS = 2.5 V, between
channel pins(2)
0.02
0.03
pF
CL
Variation of channel input
capacitance
Pin 3 = 0 V, f = 1 MHz, VBIAS = 2.5 V,
Pin 1 to GND – Pin 2 to GND(2)
0.03
0.1
pF
VBR
Break-down voltage
IIO = 1 mA
(2)
6.5
8.5
V
ILEAK
Leakage current
VIO = 2.5 V
1
10
nA


Similar Part No. - TPD2E2U06QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
More results

Similar Description - TPD2E2U06QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com