Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E2U06 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPD2E2U06
Description  Dual-Channel High-Speed ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD2E2U06_15 Datasheet HTML 2Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 3Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 4Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 5Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 6Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 7Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 8Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 9Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
±12
±11
±10
±9
±8
±7
±6
±5
±4
±3
±2
±1
0
1
100k
1M
10M
100M
1000M
10000M
Frequency (Hz)
C010
1
1.2
1.4
1.6
1.8
2
2.2
0
1
2
3
4
5
IO Voltage (V)
C008
F = 1 MHz
0
10
20
30
40
50
60
70
80
90
100
0.0
1.3
2.6
3.9
5.2
6.5
±5
0
5
10
15
20
25
30
35
40
45
50
Time (S)
Current
Power
C009
TPD2E2U06
SLLSEG9B – JUNE 2013 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
f = 1 MHz
Figure 7. Capacitance Across VBIAS
Figure 8. Surge Curve (tp = 8/20
μs) IO to GND
Figure 9. Insertion Loss
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPD2E2U06


Similar Part No. - TPD2E2U06_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
More results

Similar Description - TPD2E2U06_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com