Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1E10B09DPYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E10B09DPYR
Description  Single-Channel ESD Protection Device in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B09DPYR Datasheet(HTML) 5 Page - Texas Instruments

  TPD1E10B09DPYR Datasheet HTML 1Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 2Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 3Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 4Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 5Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 6Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 7Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 8Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Voltage (V)
-14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12 14
-1x10-3
-800x10-6
-600x10-6
-400x10-6
-200x10-6
0x100
200x10-6
400x10-6
600x10-6
800x10-6
1x10-3
Time (nS)
0
5
10
15
20
25
30
35
40
45
50
0
0
0.5
10
1
20
1.5
30
2
40
2.5
50
3
60
3.5
70
4
80
4.5
90
5
100
5.5
110
6
120
6.5
130
7
140
Current (A)
Power (W)
Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
0
3
6
9
12
15
18
21
24
27
30
Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
0
3
6
9
12
15
18
21
24
27
30
Time (nS)
-15
15
45
75
105
135
165
195
225
-10
0
10
20
30
40
50
60
70
80
90
Time (nS)
-15
15
45
75
105
135
165
195
225
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
TPD1E10B09
www.ti.com
SLLSEB0D – FEBRUARY 2012 – REVISED SEPTEMBER 2015
6.6 Typical Characteristics
Figure 1. ESD Clamp Voltage +8 kV Contact ESD
Figure 2. ESD Clamp Voltage –8 kV Contact ESD
Figure 3. Transmission Line Pulse (TLP) Waveform Pin 1 to
Figure 4. Transmission Line Pulse (TLP) Waveform Pin 2 to
Pin 2
Pin 1
Figure 6. Positive Surge Waveform 8/20 µs
Figure 5. IV Curve
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD1E10B09


Similar Part No. - TPD1E10B09DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B09DPYR TI1-TPD1E10B09DPYR Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results

Similar Description - TPD1E10B09DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com