Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV171IDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV171IDBVR
Description  36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV171IDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV171IDBVR Datasheet HTML 3Page - Texas Instruments TLV171IDBVR Datasheet HTML 4Page - Texas Instruments TLV171IDBVR Datasheet HTML 5Page - Texas Instruments TLV171IDBVR Datasheet HTML 6Page - Texas Instruments TLV171IDBVR Datasheet HTML 7Page - Texas Instruments TLV171IDBVR Datasheet HTML 8Page - Texas Instruments TLV171IDBVR Datasheet HTML 9Page - Texas Instruments TLV171IDBVR Datasheet HTML 10Page - Texas Instruments TLV171IDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
TLV171, TLV2171, TLV4171
www.ti.com
SBOS783 – SEPTEMBER 2016
Product Folder Links: TLV171 TLV2171 TLV4171
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The input range can be extended beyond (V+) – 2 V up to V+. See the Typical Characteristics and Application and Implementation
sections for additional information.
6.7 Electrical Characteristics
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
TA = 25°C
0.75
±2.7
mV
TA = –40°C to +125°C
±3.0
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
1
µV/°C
PSRR
Input offset voltage vs power supply
VS = 4 V to 36 V, TA = –40°C to +125°C
90
105
dB
INPUT BIAS CURRENT
IB
Input bias current
±10
pA
IOS
Input offset current
±4
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
3
µVPP
en
Input voltage noise density
f = 100 Hz
27
nV/
√Hz
f = 1 kHz
16
INPUT VOLTAGE
VCM
Common-mode voltage range(1)
(V–) – 0.1
(V+) – 2
V
CMRR
Common-mode rejection ratio
VS = ±18 V, (V–) – 0.1 V < VCM < (V+) – 2 V,
TA = –40°C to +125°C
94
105
dB
INPUT IMPEDANCE
Differential
100 || 3
MΩ || pF
Common-mode
6 || 3
1012 Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 36 V,
(V–) + 0.35 V < VO < (V+) – 0.35 V,
TA = –40°C to +125°C
94
130
dB
FREQUENCY RESPONSE
GBP
Gain bandwidth product
3.0
MHz
SR
Slew rate
G = +1
1.5
V/µs
tS
Settling time
To 0.1%, VS = ±18 V, G = +1, 10-V step
6
µs
To 0.01% (12 bits), VS = ±18 V, G = +1,
10-V step
10
Overload recovery time
VIN × gain > VS
2
µs
THD+N
Total harmonic distortion + noise
G = +1, f = 1 kHz, VO = 3 VRMS
0.0002%


Similar Part No. - TLV171IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171IDBVR TI1-TLV171IDBVR Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV171IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
[Old version datasheet]   40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com