Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS78C120 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS78C120
Description  Dual CMOS Compatible Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78C120 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  DS78C120 Datasheet HTML 1Page - National Semiconductor (TI) DS78C120 Datasheet HTML 2Page - National Semiconductor (TI) DS78C120 Datasheet HTML 3Page - National Semiconductor (TI) DS78C120 Datasheet HTML 4Page - National Semiconductor (TI) DS78C120 Datasheet HTML 5Page - National Semiconductor (TI) DS78C120 Datasheet HTML 6Page - National Semiconductor (TI) DS78C120 Datasheet HTML 7Page - National Semiconductor (TI) DS78C120 Datasheet HTML 8Page - National Semiconductor (TI) DS78C120 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Hints (Continued)
The input circuit of the receiver consists of a 5k resistor ter-
minated to ground through 120
Ω on both inputs. This net-
work acts as an attenuator, and permits operation with
common-mode input voltages greater than ±15V. The offset
control input is actually another input to the attenuator, but its
resistor value is 56k. The offset control input is connected to
the inverting input side of the attenuator, and the input volt-
age to the amplifier is the sum of the inverting input plus 0.09
times the voltage on the offset control input. When the offset
control input is connected to 5V the input amplifier will see
V
IN(INVERTING) + 0.45V or VIN(INVERTING) + 0.9V when the
control input is connected to 10V. The offset control input will
not significantly affect the differential performance of the re-
ceiver over its common-mode operating range, and will not
change the input impedance balance of the receiver.
It is recommended that the receiver be terminated (500
Ω or
less) to insure it will detect an open circuit in the presence of
noise.
The offset control can be used to insure fail-safe operation
for unbalanced interface (RS-423) or for balanced interface
(RS-422) operation.
For unbalanced operation, the receiver would be in an inde-
terminate logic state if the offset control input was open.
Connecting the offset to 5V offsets the receiver threshold
0.45V. The output is forced to a logic zero state if the input is
open or shorted.
For balanced operation with inputs shorted or open, receiver
C will be in an indeterminate logic state. Receivers A and B
will be in a logic zero state allowing the NOR gate to detect
the short or open condition. The strobe will disable receivers
A and B and may therefore be used to sample the fail-safe
detector. Another method of fail-safe detection consists of fil-
tering the output of the NOR gate D so it would not indicate
a fault condition when receiver inputs pass through the
threshold region, generating an output transient.
In a communications system, only the control signals are re-
quired to detect input fault condition. Advantages of a bal-
anced data transmission system over an unbalanced trans-
mission system are:
1.
High noise immunity
2.
High data ratio
3.
Long line lengths
Unbalanced RS-423 and RS-232 Fail-Safe
DS005801-12
www.national.com
7


Similar Part No. - DS78C120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS78C120 NSC-DS78C120 Datasheet
197Kb / 10P
   Dual CMOS Compatible Differential Line Receiver
DS78C120J NSC-DS78C120J Datasheet
197Kb / 10P
   Dual CMOS Compatible Differential Line Receiver
DS78C120J/883 NSC-DS78C120J/883 Datasheet
197Kb / 10P
   Dual CMOS Compatible Differential Line Receiver
More results

Similar Description - DS78C120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS88C120 NSC-DS88C120 Datasheet
197Kb / 10P
   Dual CMOS Compatible Differential Line Receiver
DS78C20 NSC-DS78C20 Datasheet
109Kb / 6P
   Dual CMOS Compatible Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
[Old version datasheet]   Dual Differential Line Receiver
SN75146 TI-SN75146 Datasheet
108Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com