Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425LK-T Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1425LK-T
Description  High Accuracy Analog Speed Sensor IC with Integrated Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1425LK-T Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1425LK-T Datasheet HTML 5Page - Allegro MicroSystems A1425LK-T Datasheet HTML 6Page - Allegro MicroSystems A1425LK-T Datasheet HTML 7Page - Allegro MicroSystems A1425LK-T Datasheet HTML 8Page - Allegro MicroSystems A1425LK-T Datasheet HTML 9Page - Allegro MicroSystems A1425LK-T Datasheet HTML 10Page - Allegro MicroSystems A1425LK-T Datasheet HTML 11Page - Allegro MicroSystems A1425LK-T Datasheet HTML 12Page - Allegro MicroSystems A1425LK-T Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
High Accuracy Analog Speed Sensor IC with Integrated
Filter Capacitor and Dual Zero-Crossing Output Signal
A1425
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package K, 4-pin SIP
24
3
1
E1
E2
2.20
1.50
0.84 REF
1.27 NOM
2.16
MAX
45°
45°
D Active Area Depth, .0.42 mm
Hall elements (E1 and E2); not to scale
D
E
E
E
E
B
1.29
Gate and tie bar burr area
A
B
C
Dambar removal protrusion (8X)
A
D
For Reference Only; not for tooling use (reference DWG-9010)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Standard Branding Reference View
N = Device part number
Y = Last two digits of year of manufacture
W = Week of manufacture
Mold Ejector
Pin Indent
Branded
Face
YYWW
NNNN
1
5.21 +0.08
–0.05
0.38 +0.06
–0.03
3.43 +0.08
–0.05
0.41 +0.07
–0.05
14.73 ±0.51
1.55 ±0.05
Branding scale and appearance at supplier discretion
Copyright ©2005-2013, Allegro MicroSystems, LLC
Allegro MicroSystems, LLC reserves the right to make, from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that
the information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, LLC assumes no responsibility for its
use; nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com


Similar Part No. - A1425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425LK-T ALLEGRO-A1425LK-T Datasheet
807Kb / 13P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
More results

Similar Description - A1425LK-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
411Kb / 13P
   High Accuracy Analog Speed Sensor IC with Integrated Filter
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
A1425 ALLEGRO-A1425 Datasheet
502Kb / 12P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1425 ALLEGRO-A1425_05 Datasheet
807Kb / 13P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
   High Accuracy GMR Wheel Speed Sensor IC
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
Allegro MicroSystems
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
   High Accuracy GMR Wheel Speed and Direction Sensor IC
A1667 ALLEGRO-A1667 Datasheet
887Kb / 15P
   True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com