Electronic Components Datasheet Search |
|
LP3852EMPX-1.8 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
LP3852EMPX-1.8 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
1 / 19 page LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators General Description The LP3852/LP3855 series of fast ultra low-dropout linear regulators operate from a +2.5V to +7.0V input supply. Wide range of preset output voltage options are available. These ultra low dropout linear regulators respond very quickly to step changes in load, which makes them suitable for low voltage microprocessor applications. The LP3852/LP3855 are developed on a CMOS process which allows low quies- cent current operation independent of output load current. This CMOS process also allows the LP3852/LP3855 to op- erate under extremely low dropout conditions. Dropout Voltage: Ultra low dropout voltage; typically 24mV at 150mA load current and 240mV at 1.5A load current. Ground Pin Current: Typically 4mA at 1.5A load current. Shutdown Mode: Typically 10nA quiescent current when the shutdown pin is pulled low. Error Flag: Error flag goes low when the output voltage drops 10% below nominal value. SENSE: Sense pin improves regulation at remote loads. Precision Output Voltage: Multiple output voltage options are available ranging from 1.8V to 5.0V with a guaranteed accuracy of ±1.5% at room temperature, and ±3.0% over all conditions (varying line, load, and temperature). Features n Ultra low dropout voltage n Stable with selected ceramic capacitors n Low ground pin current n Load regulation of 0.06% n 10nA quiescent current in shutdown mode n Guaranteed output current of 1.5A DC n Available in TO-263, TO-220 and SOT-223 packages n Output voltage accuracy ± 1.5% n Error flag indicates output status n Sense option improves load regulation n Overtemperature/overcurrent protection n −40˚C to +125˚C junction temperature range Applications n Microprocessor power supplies n GTL, GTL+, BTL, and SSTL bus terminators n Power supplies for DSPs n SCSI terminator n Post regulators n High efficiency linear regulators n Battery chargers n Other battery powered applications Typical Application Circuits 20031001 **SD and ERROR pins must be pulled high through a 10k Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See Application Hints for more information. March 2004 © 2004 National Semiconductor Corporation DS200310 www.national.com |
Similar Part No. - LP3852EMPX-1.8 |
|
Similar Description - LP3852EMPX-1.8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |