Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1369 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1369
Description  Customer Programmable Linear Hall-Effect Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1369 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1369 Datasheet HTML 1Page - Allegro MicroSystems A1369 Datasheet HTML 2Page - Allegro MicroSystems A1369 Datasheet HTML 3Page - Allegro MicroSystems A1369 Datasheet HTML 4Page - Allegro MicroSystems A1369 Datasheet HTML 5Page - Allegro MicroSystems A1369 Datasheet HTML 6Page - Allegro MicroSystems A1369 Datasheet HTML 7Page - Allegro MicroSystems A1369 Datasheet HTML 8Page - Allegro MicroSystems A1369 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Customer Programmable Linear Hall-Effect Sensor
Optimized for Use in Current Sensing Applications
A1369
The features of this linear device makes it ideal for use in industrial
applications requiring high accuracy and are guaranteed over a wide
temperature range, –40°C to+85°C.
• Wide ambient temperature range: -40ºC to +85ºC
• Immune to mechanical stress
FEATURES AND BENEFITS (CONTINUED)
DESCRIPTION (CONTINUED)
Selection Guide
Part Number
Sensitivity Range (mV/G)
A1369EUA-10-T
8.5 to 12.5
A1369EUA-24-T
22 to 26
*Contact Allegrofor additional packing options.
Table of Contents
Functional Block Diagram
1
Specifications
3
Absolute Maximum Ratings
3
Thermal Characteristics
3
Pin-out Diagram and Terminal List
3
Electrical Characteristics
4
Characteristic Definitions
7
Chopper Stabilization Technique
10
Programming Guidelines
11
Overview
11
Definition of Terms
11
Programming procedures
13
Mode/Parameter Selection
13
Try Mode Bitfield Addressing
13
Fuse Blowing
14
Locking the Device
15
Additional Guidelines
15
Programming Modes
16
Try Mode
16
Blow Mode
16
Read Mode
16
Programming State Machine
18
Initial State
19
Mode Selection State
19
Parameter Selection State
19
Bitfield Addressing State
19
Fuse Blowing State
19
Package Outline Drawing
21


Similar Part No. - A1369

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1369

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com