Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1369 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1369
Description  Customer Programmable Linear Hall-Effect Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1369 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1369 Datasheet HTML 1Page - Allegro MicroSystems A1369 Datasheet HTML 2Page - Allegro MicroSystems A1369 Datasheet HTML 3Page - Allegro MicroSystems A1369 Datasheet HTML 4Page - Allegro MicroSystems A1369 Datasheet HTML 5Page - Allegro MicroSystems A1369 Datasheet HTML 6Page - Allegro MicroSystems A1369 Datasheet HTML 7Page - Allegro MicroSystems A1369 Datasheet HTML 8Page - Allegro MicroSystems A1369 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
The Allegro™ A1369 is a customer programmable, high
accuracy linear Hall effect-based current sensor IC. It is
packagedinathin3-pinSIPpackagetoallowforeasyintegration
with a magnetic core to create a highly accurate current sensing
module. The programmable nature of the A1369 enables it
to account for manufacturing tolerances in the final current
sensing module assembly.
This temperature-stable device is available in a through-hole
single in-line package (TO-92). The accuracy of the device
is enhanced via programmability on the output pin for end-
of-line optimization without the added complexity and cost of
a fully programmable device. The device features One-Time-
Programming (OTP), using non-volatile memory, to optimize
device sensitivity and the quiescent output voltage (QVO)
(output with no magnetic field) for a given application or
circuit. TheA1369 also allow for optimized performance over
temperature through programming the temperature coefficient
for both Sensitivity and QVO at Allegro end of line test.
These ratiometric Hall effect sensor ICs provide a voltage
output that is proportional to the applied magnetic field. The
quiescent voltage output is user adjustable around 50% of the
supply voltage and the output sensitivity is programmable
within a range of 8.5 mV/G to 12.5 mV/G for the A1369-10
and 22 mV/G to 26 mV/G for the A1369-24.
A1369-DS, Rev. 1
• Customer programmable offset, and sensitivity
• Sensitivity & QVO temperature coefficients programmed
at Allegro for improved accuracy
• Output value decreases with South Magnetic Field and
increases with North Magnetic field.
• 3-pin SIP package for easy integration with magnetic
concentrator
• Low noise, moderate bandwidth, analog output
• High speed chopping scheme minimizes QVO drift over
temperature
• Temperature-stable quiescent voltage output and
sensitivity
• Precise recoverability after temperature cycling
• Output voltage clamps provide short circuit diagnostic
capabilities
• Under voltage lock-out (UVLO)
Customer Programmable Linear Hall-Effect Sensor
Optimized for Use in Current Sensing Applications
Package: 3-Pin SIP (suffix UA)
Functional Block Drawing
Not to scale
A1369
Continued on the next page…
Continued on the next page…
V+
V
CC
Sensitivity and
Sensitivity TC
Offset and
Offset TC
V/
OUT
Programming
Trim Control
GND
FEATURES AND BENEFITS
DESCRIPTION


Similar Part No. - A1369

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1369

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com