Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-5-T Datasheet(PDF) 31 Page - Allegro MicroSystems

Part No. A1365LKTTN-5-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-5-T Datasheet(HTML) 31 Page - Allegro MicroSystems

Back Button A1365LKTTN-5-T Datasheet HTML 24Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 25Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 26Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 27Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 28Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 29Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 30Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 31Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 32Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
31
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 32: Package KT, 4-Pin SIP
For Reference Only - Not for Tooling Use
(Reference DWG-9202)
Dimensions in millimeters - NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
0.54 REF
0.54 REF
12.14 ±0.05
1.27 NOM
0.89 MAX
0.89 MAX
10°
A
B
C
D
E
Dambar removal protrusion (16X)
Gate and tie burr area
Thermoplastic Molded Lead Bar for alignment during shipment
Active Area Depth, 0.37 mm REF
Branding scale and appearance at supplier discretion
D
= Device part number
= Last two digits of year of manufacture
= Week of manufacture
N
Y
W
Standard Branding Reference View
F
Hall element, not to scale
24
3
1
A
D
F
F
F
2.60
1.00
E
5.21
+0.08
–0.05
5.21
+0.08
–0.05
3.43
+0.08
–0.05
0.41
+0.08
–0.05
1.50
+0.08
–0.05
0.20
+0.08
–0.05
1.00
+0.08
–0.05
1.00
+0.08
–0.05
Mold Ejector
Pin Indent
Branded
Face
B
NNNN
YYWW
PACKAGE OUTLINE DRAWING


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn