Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-5-T Datasheet(PDF) 12 Page - Allegro MicroSystems

Part No. A1365LKTTN-5-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-5-T Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A1365LKTTN-5-T Datasheet HTML 8Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 9Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 10Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 11Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 12Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 13Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 14Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 15Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Output (V
, V)
OUT
Supply (V , V)
CC
t= 6 µs
UVLOD
V
CC(min)
90% of Output
-2.285 µs
3.715 µs
6.000 µs
166.7 kHz
X1 =
X2 =
DX =
1/ X =
D
1.00 V/div
-3.0000 V
539 #
4.5048 V
5.0297 V
524.9 mV
1.00 V/div
-3.0000 V
539 #
92.6 mV
2.2821 V
2.1895 V
Dy
Dy
C1
C2
B
F
DC1M
DC1M
Timebase
-6.4 µs
5.00 µs/div
200 MS/s
10.0 ks
Trigger
3.54 V
Positive
Stop
Edge
C1 DC
A
B
F
A
UVLO Disable Time (tUVLOD)
VCC 3.2 V - 5 V Recovery Time = 1.5 µs
Sensitivity = 2 mV/G, CBYPASS = Open, CL = 1 nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn