Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-5-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. A1365LKTTN-5-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-5-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1365LKTTN-5-T Datasheet HTML 1Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 2Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 3Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 4Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 5Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 6Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 7Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 8Page - Allegro MicroSystems A1365LKTTN-5-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Electrical Characteristics
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
ICC
No load on VOUT, ¯F¯¯A¯¯¯U¯¯L¯¯T¯ pin in high-
impedance state, connected through a 10 kΩ
resistor to VCC
10
15
mA
Power-On Time2
tPO
TA = 25°C, CBYPASS = open, CL = 1 nF
100
µs
Temperature Compensation
Power-On Time2
tTC
TA = 25°C, CBYPASS = open, CL = 1 nF
90
µs
Undervoltage Lockout (UVLO)
Threshold2
VUVLOH
VCC rising and device function enabled
4
4.3
V
VUVLOL
VCC falling and device function disabled
3.05
3.2
V
UVLO Enable/Disable Delay Time2
tUVLOE
TA = 25°C, CBYPASS = open, CL = 1 nF,
VCC fall time (5 V to 3 V) = 1.5 μs
67
µs
tUVLOD
TA = 25°C, CBYPASS = open, CL = 1 nF,
VCC recover time (3 V to 5 V) = 1.5 μs
6
µs
Power-On Reset Voltage2
VPORH
TA = 25°C, VCC rising
2.9
V
VPORL
TA = 25°C, VCC falling
2.5
V
Power-On Reset Release Time2
tPORR
TA = 25°C, VCC rising
85
µs
Supply Zener Clamp Voltage
Vz
TA = 25°C, ICC = 30 mA
6.5
7.5
V
Internal Bandwidth
BWi
Small signal –3 dB, CL = 1 nF, TA = 25°C
120
kHz
Chopping Frequency3
fC
TA = 25°C
500
kHz
VOUT Characteristics
Propagation Delay Time2
tpd
TA = 25°C, step magnetic field of 400 G,
CL = 1 nF, Sens = 2 mV/G
2.2
µs
Rise Time2
tr
TA = 25°C, step magnetic field of 400 G,
CL = 1 nF, Sens = 2 mV/G
3.6
µs
Response Time2
tRESPONSE
TA = 25°C, step magnetic field of 400 G,
CL = 1 nF, Sens = 2 mV/G
3.7
µs
Delay to Clamp2,4
tCLP
TA = 25°C, step magnetic field from 160 to
240 G, CL = 1 nF, Sens = 10 mV/G
10
µs
Output Voltage Clamp5
VCLP(HIGH) TA = 25°C, RL(PULLDWN) = 10 kΩ to GND
4.55
4.85
V
VCLP(LOW)
TA = 25°C, RL(PULLUP) = 10 kΩ to VCC
0.15
0.45
V
Output Saturation Voltage2
VSAT(HIGH)
TA = 25°C, RL(PULLDWN) = 10 kΩ to GND
4.8
V
VSAT(LOW)
TA = 25°C, RL(PULLDWN) = 10 kΩ to VCC
300
mV
Broken Wire Voltage2
VBRK(HIGH) TA = 25°C, RL(PULLUP) = 10 kΩ to VCC
VCC
V
VBRK(LOW)
TA = 25°C, RL(PULLDWN) = 10 kΩ to GND
200
mV
Noise6
VN
TA = 25°C, CL = 1 nF
1.1
mG/
√(Hz)
TA = 25°C, CL = 1 nF, Sens = 2 mV/G,
bandwidth = BWi
6.3
mVp-p
TA = 25°C, CL = 1 nF, Sens = 2 mV/G,
bandwidth = BWi
1
mVRMS
Continued on the next page…
OPERATING CHARACTERISTICS: valid through the full operating temperature range TA, CBYPASS = 0.1 µF, and VCC = 5 V,
unless otherwise specified


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn