Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1367 Datasheet(PDF) 26 Page - Allegro MicroSystems

Part # A1367
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1367 Datasheet(HTML) 26 Page - Allegro MicroSystems

Back Button A1367 Datasheet HTML 19Page - Allegro MicroSystems A1367 Datasheet HTML 20Page - Allegro MicroSystems A1367 Datasheet HTML 21Page - Allegro MicroSystems A1367 Datasheet HTML 22Page - Allegro MicroSystems A1367 Datasheet HTML 23Page - Allegro MicroSystems A1367 Datasheet HTML 24Page - Allegro MicroSystems A1367 Datasheet HTML 25Page - Allegro MicroSystems A1367 Datasheet HTML 26Page - Allegro MicroSystems A1367 Datasheet HTML 27Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
with Regulated Supply, Advanced Temperature Compensation,
and High-Bandwidth (240 kHz) Analog Output
A1367
26
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 24: Package KT, 4-Pin SIP
For Reference Only - Not for Tooling Use
(Reference DWG-9202)
Dimensions in millimeters - NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
0.54 REF
0.54 REF
12.14 ±0.05
1.27 NOM
0.89 MAX
0.89 MAX
10°
A
B
C
D
E
Dambar removal protrusion (16X)
Gate and tie burr area
Molded Lead Bar for preventing damage to leads during shipment
Active Area Depth, 0.37 mm REF
Branding scale and appearance at supplier discretion
D
= Device part number
= Last two digits of year of manufacture
= Week of manufacture
N
Y
W
Standard Branding Reference View
F Hall element, not to scale
24
3
1
A
D
F
F
F
2.60
1.41
E
5.21+0.08
–0.05
5.21+0.08
–0.05
3.43+0.08
–0.05
0.41 +0.08
–0.05
1.50+0.08
–0.05
0.20+0.08
–0.05
1.00+0.08
–0.05
1.00+0.08
–0.05
Mold Ejector
Pin Indent
Branded
Face
B
NNNN
YYWW
PACKAGE OUTLINE DRAWING


Similar Part No. - A1367

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1367

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1365 ALLEGRO-A1365 Datasheet
996Kb / 32P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com