Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1365LKTTN-2-T Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # A1365LKTTN-2-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-2-T Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button A1365LKTTN-2-T Datasheet HTML 16Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 17Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 18Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 19Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 20Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 21Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 22Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 23Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 24Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
20
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Power-On Reset (POR) and Undervoltage
Lockout (UVLO) Operation
The descriptions in this section assume: TA = 25°C, no output
load (RL, CL), and no significant magnetic field is present.
Power-Up At power-up, as VCC ramps up, the output is in a
high-impedance state. When VCC crosses VPORH (location
[1] in Figure 11 and [1'] in Figure 12), the POR Release
counter starts counting for tPORR. At this point, if VCC exceeds
VUVLOH [2'], the output will go to VCC / 2 after tUVLOD [3']. If
VCC does not exceed VUVLOH [2], the output will stay in the
high-impedance state until VCC reaches VUVLOH [3] and then
go to VCC / 2 after tUVLOD [4].
VCC drops below VCC(min)= 4.5 V If VCC drops below
VUVLOL [4', 5], the UVLO Enable Counter starts counting. If
VCC is still below VUVLOL when the counter reaches tUVLOE,
the UVLO function will be enabled and the ouput will be
pulled near GND [6]. If VCC exceeds VUVLOL before the
UVLO Enable Counter reaches 64 µs [5'], the output will
continue to be VCC/2.
Coming out of UVLO While UVLO is enabled [6], if VCC
exceeds VUVLOH [7], UVLO will be disabled after tUVLOD ,
and the output will be VCC / 2 [8].
Power-Down As VCC ramps down below VUVLOL [6’, 9], the
< t
UVLOE
t
UVLOE
t
PORR
t
PORR
t
UVLOD
t
UVLOD
t
UVLOD
t
UVLOE
1
1’
2’
4’ 5’
6’ 7’
3’
2
5.0
V
UVLOH
V
PORH
V
PORL
V
UVLOL
2.5
High Impedance
High Impedance
High Impedance
High Impedance
Slope =
V/ 2
CC
Slope =
V/ 2
CC
GND
Time
Time
Time
Time
GND
V
CC
V
CC
V
OUT
5.0
2.5
GND
GND
V
OUT
3
5
6
7
11
8
10
9
4
Slope =
V/ 2
CC
< 64 µs
V
UVLOH
V
PORH
V
PORL
V
UVLOL
Figure 11: POR and UVLO Operation – Slow Rise Time Case
Figure 12: POR and UVLO Operation – Fast Rise Time Case


Similar Part No. - A1365LKTTN-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1365LKTTN-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1367 ALLEGRO-A1367 Datasheet
845Kb / 27P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com