Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-2-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part No. A1365LKTTN-2-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-2-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1365LKTTN-2-T Datasheet HTML 7Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 8Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 9Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 10Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 11Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 12Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 13Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 14Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Output (V
, V)
OUT
Supply (V , V)
CC
t= 67 µs
UVLOE
V
UVLOL
Output = 0 V
2.50062 ms
2.56728 ms
66.66 µs
15.002 kHz
X1 =
X2 =
DX =
1/ X =
D
1.00 V/div
-3.0000 V
3.5134 V
3.0227 V
-490.6 mV
1.00 V/div
-3.0000 V
2.6689 V
12.7 mV
-2.6561 V
Dy
Dy
C1
C2
BwL
BwL
F
F
DC1M
DC1M
Tbase
-2.5628 ms
20.0 µs/div
50 MS/s
10.0 ks
Trigger
3.54 V
Positive
Stop
Edge
C1 DC
Output (V
, V)
OUT
Supply (V , V)
CC
t= 89 µs
TC
90% of Temperature
Compensated Output
90% of Output
97.80 µs
186.25 µs
88.45 µs
11.306 kHz
X1 =
X2 =
DX =
1/ X =
D
1.00 V/div
-3.0000 V
4.9957 V
5.0019 V
6.2 mV
1.00 V/div
-3.0000 V
3.0335 V
3.4127 V
379.2 mV
Dy
Dy
C1
C2
BwL
BwL
F
F
DC1M
DC1M
Timebase
-120 µs
50.0 µs/div
20 MS/s
10.0 ks
Trigger
3.13 V
Positive
Stop
Edge
C1 DC
Temperature Compensation Power-On Time (tTC)
400G Constant Excitation Signal, with VCC 10%-90% rise time = 1.5 μs
Sensitivity = 2mV/G, CBYPASS = Open, CL = 1 nF
UVLO Enable Time (tUVLOE)
VCC 5 V - 3 V fall time = 1.5 µs
Sensitivity = 2 mV/G, CBYPASS = Open, CL = 1 nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn