Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-2-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part No. A1365LKTTN-2-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-2-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1365LKTTN-2-T Datasheet HTML 5Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 6Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 7Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 8Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 9Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 10Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 11Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 12Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Output (V
, mV)
OUT
C1
C2
Timebase
-6.96 µs Trigger
FLT DC1M
1.00 V/div
-3.0100 V
767.5 V
3.7877 V
200 mV/div
-3.10600 V
2.50227 V
2.65287 V
2.00 µs/div
2.5 GS/s
830 mV
Positive
50.0 ks
Stop
Edge
FLT
C1
DC1M
DC
-33.2 ns
1.9884 µs
2.0216 µs
494.66 kHz
11/6/2013 10:22:47 AM
X1 =
X2 =
DX =
1/ X =
D
Input = 400 G Excitation Signal
t= 2.1 µs
PD
20% of Output
20% of Input
CHARACTERISTIC PERFORMANCE DATA
Output (V
, mV)
OUT
t= 3.64 µs
RESPONSE
80% of Input
C1
C1
Timebase
-6.96 µs Trigger
FLT DC1M
1.00 V/div
-3.0100 V
3.0681 V
3.8212 V
200 mV/div
-3.10600 V
2.49230 V
3.13220 V
2.00 µs/div
2.5 GS/s
830 mV
Positive
50.0 ks
Stop
Edge
FLT
C1
DC1M
DC
467.6 ns
4.1120 µs
DX =
1/ X =
D
3.6444 µs
274.390 kHz
11/6/2013 10:23:51 AM
X1 =
X2 =
Input = 400 G Excitation Signal
80% of Output
Response Time (tRESPONSE)
400 G Excitation Signal with 10% - 90% rise time = 1 µs
Sensitivity = 2 mV/G, CBYPASS = 0.1 µF, CL = 1 nF
Propagation Delay (tPD)
400 G Excitation Signal with 10% - 90% rise time = 1 µs
Sensitivity = 2 mV/G, CBYPASS = 0.1 µF, CL = 1 nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn