Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-2-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. A1365LKTTN-2-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-2-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1365LKTTN-2-T Datasheet HTML 1Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 2Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 3Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 4Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 5Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 6Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 7Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 8Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Pinout Diagram and Terminal List Table
KT Package Pinout Diagram
(Ejector pin mark on opposite side)
2 3 4
1
Terminal List Table
Number
Name
Function
1
VCC
Input Power Supply, use bypass capacitor to connect to ground;
also used for programming
2
VOUT
Output Signal, also used for programming
3
¯F¯¯A¯¯¯U¯¯L¯¯T¯
Over Field Fault Detection Flag
4
GND
Ground


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn