![]() |
Electronic Components Datasheet Search |
|
A1365LKTTN-1-T Datasheet(PDF) 31 Page - Allegro MicroSystems |
|
A1365LKTTN-1-T Datasheet(HTML) 31 Page - Allegro MicroSystems |
31 / 32 page ![]() Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator A1365 31 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Figure 32: Package KT, 4-Pin SIP For Reference Only - Not for Tooling Use (Reference DWG-9202) Dimensions in millimeters - NOT TO SCALE Dimensions exclusive of mold flash, gate burs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown 0.54 REF 0.54 REF 12.14 ±0.05 1.27 NOM 0.89 MAX 0.89 MAX 10° A B C D E Dambar removal protrusion (16X) Gate and tie burr area Thermoplastic Molded Lead Bar for alignment during shipment Active Area Depth, 0.37 mm REF Branding scale and appearance at supplier discretion D = Device part number = Last two digits of year of manufacture = Week of manufacture N Y W Standard Branding Reference View F Hall element, not to scale 24 3 1 A D F F F 2.60 1.00 E 5.21 +0.08 –0.05 5.21 +0.08 –0.05 3.43 +0.08 –0.05 0.41 +0.08 –0.05 1.50 +0.08 –0.05 0.20 +0.08 –0.05 1.00 +0.08 –0.05 1.00 +0.08 –0.05 Mold Ejector Pin Indent Branded Face B NNNN YYWW PACKAGE OUTLINE DRAWING |
|