Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-1-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part No. A1365LKTTN-1-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-1-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1365LKTTN-1-T Datasheet HTML 1Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 2Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 3Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 4Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 5Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 6Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 7Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 8Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.1
V
Forward Output Voltage
VOUT
25
V
Reverse Output Voltage
VROUT
–0.1
V
Forward Fault Voltage
V¯F¯¯A¯¯¯U¯¯L¯¯T¯
6
V
Reverse Fault Voltage
VR¯F¯¯A¯¯¯U¯¯L¯¯T¯
–0.1
V
Output Source Current
IOUT(source)
VOUT to GND
2.8
mA
Output Sink Current
IOUT(sink)
VCC to VOUT
10
mA
Maximum Number of EEPROM Write
Cycles
EEPROMw(max)
100
cycles
Operating Ambient Temperature
TA
L temperature range
–40 to 150
ºC
Storage Temperature
Tstg
–65 to 165
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
THERMAL CHARACTERISTICS: May require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
On 1-layer PCB with exposed copper limited to solder pads
174
ºC/W
*Additional thermal information available on the Allegro website
SPECIFICATIONS
PowerDissipation versus Ambient Temperature
20
40
60
80
100
120
140
160
180
Temperature, TA (°C)
0
300
400
200
100
600
500
800
700
900
(R
=
174
ºC/W)
qJA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn