Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365LKTTN-1-T Datasheet(PDF) 21 Page - Allegro MicroSystems

Part No. A1365LKTTN-1-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-1-T Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A1365LKTTN-1-T Datasheet HTML 17Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 18Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 19Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 20Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 21Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 22Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 23Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 24Page - Allegro MicroSystems A1365LKTTN-1-T Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
UVLO Enable Counter will start counting. If VCC is higher
than VPORL when the counter reaches tUVLOE , the UVLO
function will be enabled and the ouput will be pulled near
GND [10]. The output will enter a high-impedance state as
VCC goes below VPORL [11]. If VCC falls below VPORL before
the UVLO Enable Couner reaches tUVLOE, the output will
transition directly into a high-impedance state [7'].
Detecting Broken Ground Wire
If the GND pin is disconnected, node A becoming open (see
Figure 12), the VOUT pin will go to a high-impedance state.
The output voltage will go to VBRK(HIGH) if a load resistor
RL(PULLUP) is connected to VCC or to VBRK(LOW) if a load resistor
RL(PULLDWN) is connected to GND. The device will not respond
to any applied magnetic field.
If the ground wire is reconnected, the A1365 will resume normal
operation.
A
Connecting VOUT to RL(PULLUP)
A1365
VCC
VCC
VCC
RL(PULLUP)
GND
A
VOUT
A1365
VCC
VCC
RL(PULLDWN)
Connecting VOUT to RL(PULLDWN)
VF(PULLUP)
RF(PULLUP)
FAULT
VF(PULLUP)
RF(PULLUP)
FAULT
GND
VOUT
GND
VF(PULLUP)
RF(PULLUP)
VOUT
A1365
VCC
V+
CBYPASS
CL
CF
(Optional)
FAULT
Figure 13: Typical Application Drawing
Figure 14: Connections for Detecting Broken Ground Wire


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn