Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1363LKTTN-5-T Datasheet(PDF) 27 Page - Allegro MicroSystems

Part # A1363LKTTN-5-T
Description  Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1363LKTTN-5-T Datasheet(HTML) 27 Page - Allegro MicroSystems

Back Button A1363LKTTN-5-T Datasheet HTML 22Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 23Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 24Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 25Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 26Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 27Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 28Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 29Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 30Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
With Advanced Temperature Compensation
And High Bandwidth (120 kHz) Analog Output
A1363
27
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
EEPROM CELL ORGANIZATION
Programming coefficients are stored in non-volatile EEPROM,
which is separate from the digital subsystem, and accessed by the
digital subsystem EEPROM Controller module. The EEPROM
is organized as 30 bit wide words, each word is made up of 24
data bits and 6 ECC (Error Checking and Correction) check bits,
stored as shown in table below.
EEPROM Word Bit Sequence; C# – Check Bit, D# – Data Bit
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EEPROM Bit
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Contents
C5
C4
C3
C2
C1
C0 D23 D22 D21 D20 D19 D18 D17 D16 D15
Memory Address Map
Register Name
Address
Description
r/w
Bits
Location
Customer Access EEPROM
SENS_FINE1
0x00
Sensitivity, two’s complement DAC profile
r/w
9
8:0
SENS_COARSE
Coarse Sensitivity
r/w
2
10:9
QVO1
Quiescent Output Voltage, two’s complement
DAC profile
r/w
9
19:11
(Factory reserved)2
Factory reserved bit
r/w
1
20
POL
Reverses output polarity
r/w
1
21
CLAMP_DIS
Clamp Disable
r/w
1
22
EELOCK
EEPROM LOCK
w
1
23
ID_C3
0x01
Customer Reserved
r/w
24
23:0
Customer Debug Register (Volatile Memory)
Disable Analog Output
0x10
Turns off the analog output for serial
communications
w
1
0
Shadow Enable
Enables register shadowing to bypass
EEPROM register 0x00 bits 22:0
w
1
1
1
9-bit two’s complement integers, where the most positive number is indicated by code 255 (decimal) and the most negative number by code 256 (decimal).
2
Customer should not write to this bit.
3
Can be used to store any information required in the customer’s application.


Similar Part No. - A1363LKTTN-5-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1363LLUTR-1-T ALLEGRO-A1363LLUTR-1-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LLUTR-10-T ALLEGRO-A1363LLUTR-10-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LLUTR-2-T ALLEGRO-A1363LLUTR-2-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LLUTR-5-T ALLEGRO-A1363LLUTR-5-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1363LKTTN-5-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1365 ALLEGRO-A1365 Datasheet
996Kb / 32P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1367 ALLEGRO-A1367 Datasheet
845Kb / 27P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com