Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1363LKTTN-5-T Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A1363LKTTN-5-T
Description  Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1363LKTTN-5-T Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A1363LKTTN-5-T Datasheet HTML 8Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 9Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 10Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 11Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 12Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 13Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 14Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 15Page - Allegro MicroSystems A1363LKTTN-5-T Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
With Advanced Temperature Compensation
And High Bandwidth (120 kHz) Analog Output
A1363
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TA (°C)
-50
3
2
1
0
-1
-2
-3
0
50
100
150
200
Sensitivity Drift Through Temperature Range
versus Ambient Temperature
Relative to ∆SensTC (typ) at TA = 25°C
TA (°C)
-50
30
20
10
0
-10
-20
-30
0
50
100
150
200
QuiescentVoltage Output Drift Through Temperature Range
versus Ambient Temperature
Relative to ∆VOUT(Q)TC (typ) at TA = 25°C


Similar Part No. - A1363LKTTN-5-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1363LLUTR-1-T ALLEGRO-A1363LLUTR-1-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LLUTR-10-T ALLEGRO-A1363LLUTR-10-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LLUTR-2-T ALLEGRO-A1363LLUTR-2-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LLUTR-5-T ALLEGRO-A1363LLUTR-5-T Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1363LKTTN-5-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1365 ALLEGRO-A1365 Datasheet
996Kb / 32P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1367 ALLEGRO-A1367 Datasheet
845Kb / 27P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com