Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365 Datasheet(PDF) 29 Page - Allegro MicroSystems

Part No. A1365
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365 Datasheet(HTML) 29 Page - Allegro MicroSystems

Back Button A1365 Datasheet HTML 24Page - Allegro MicroSystems A1365 Datasheet HTML 25Page - Allegro MicroSystems A1365 Datasheet HTML 26Page - Allegro MicroSystems A1365 Datasheet HTML 27Page - Allegro MicroSystems A1365 Datasheet HTML 28Page - Allegro MicroSystems A1365 Datasheet HTML 29Page - Allegro MicroSystems A1365 Datasheet HTML 30Page - Allegro MicroSystems A1365 Datasheet HTML 31Page - Allegro MicroSystems A1365 Datasheet HTML 32Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
29
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Register Name
Address
Description
r/w
Bits
Location
Customer Read-
Only EEPROM
FAC_LOT_NUM
0x00*
Factory Lot (uses 3rd to 7th digits of the lot number)
r/w
16
15:0
WAFER_NUM
Factory Wafer (stores up to 64 wafers)
r/w
6
21:16
SCRATCH
Factory use only
r/w
2
23:22
X_DIE_LOC
0x01*
8 bits X die location (accommodates up to 256 die in X)
r/w
8
7:0
Y_DIE_LOC
8 bits Y die location (accommodates up to 256 die in Y)
r/w
8
15:8
SCRATCH
Factory use only
r/w
8
23:16
Customer R/W
EEPROM
SENS_FINE
0x02
Sensitivity
r/w
9
8:0
SENS_COARSE
Coarse Sensitivity
r/w
2
10:9
QVO
Quiescent Output Voltage
r/w
9
19:11
FACTORY_RES1
Factory use only
r/w
1
20
POL
Reverses output polarity
r/w
1
21
CLAMP_EN
Clamp Enable
r/w
1
22
EELOCK
EEPROM LOCK
w
1
23
FLT_THRESH
0x03
Sets the DC Fault Switchpoint, two’s complement
DAC profile
r/w
6
5:0
FLT_HYST
Fault Hysteresis Adjust, [00] = 0 V, [01] = 30 mV,
[10] = 60 mV, [11] = 120 mV
r/w
2
7:6
FLT_LATCH
Enables Fault Latch
r/w
1
8
FLT_DIS
Disables Fault
r/w
1
9
Misc(x)
Reserved for factory use; do not change default state
r/w
11
20:10
MISC3_1
Factory-reserved (unused)
r/w
3
23:21
CUSTOMER_RES
0x04*
Customer-reserved
r/w
24
23:0
Volatile Memory
Customer Debug
Register
Disable Analog Output
0x10
Sets the output pin to a high-impedance state
r/w
1
0
SHADOW_ENABLE
Enables register shadowing to bypass shadowed
EEPROM registers
r/w
1
1
CUSTOMER_ACCESS
Customer write access enabled
r
1
2
Factory Reserved
Reserved for factory use. Do not change default
state.
r/w
2
4:3
OVERF_FLT
0 = No Over Field Fault
1 = Over Field Fault occurred, clears on read
r
1
5
Factory Reserved
Reserved for factory use; do not change default state.
r/w
2
8:7
VREAD
Change EEPROM read voltage for margining;
[00] = 1.2 V (default), [01] = 0 V, [10] = 4.3 V,
[11] = undefined
r/w
2
10:9
Reserved for factory use (unused)
n/a
13
23:11
ACCESS_CODE
0x24
Customer code (not addressable)
30
29:0
*EEPROM registers or bits that are not shadowed.
Memory Address Map
EEPROM Margining
Allegro factory-tests the capacity of each EEPROM bit to retain
a “0” or a “1” state. After the user has completed EEPROM
programming, the two VREAD bits could be set to “01” to
change the EEPROM margin setting. EEPROM registers that
were written by the user should be read and compared to the
user-programmed value. The procedure should be repeated using
VREAD = “10”. It is not mandatory for the user to execute
EEPROM Margining.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn