Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365 Datasheet(PDF) 26 Page - Allegro MicroSystems

Part No. A1365
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365 Datasheet(HTML) 26 Page - Allegro MicroSystems

Back Button A1365 Datasheet HTML 22Page - Allegro MicroSystems A1365 Datasheet HTML 23Page - Allegro MicroSystems A1365 Datasheet HTML 24Page - Allegro MicroSystems A1365 Datasheet HTML 25Page - Allegro MicroSystems A1365 Datasheet HTML 26Page - Allegro MicroSystems A1365 Datasheet HTML 27Page - Allegro MicroSystems A1365 Datasheet HTML 28Page - Allegro MicroSystems A1365 Datasheet HTML 29Page - Allegro MicroSystems A1365 Datasheet HTML 30Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
26
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Serial Interface Reference
Required timing parameters for successful serial communication with A1365 device are given in table below.
Required Serial Interface Timing Parameters
Characteristics
Symbol
Note
Min.
Typ.
Max.
Unit
Input/Output Signal Timing
Access Code Timeout
tACC
Customer Access Code should be fully entered
in less than tACC, measured from when VCC
crosses VUVLOH.
8
ms
Bit Rate
tBITR
Defined by the input message bit rate sent from
the external controller
32
80
kbps
Bit Time
tBIT
Data bit pulse width at 70 kbps
13.6
14.3
15
µs
Bit Time Error
errTBIT
Deviation in tBIT during one command frame
–11
+ 11
%
Volatile Memory Write Delay
tWRITE
Required delay from the trailing edge of certain
Write command frames to the leading edge of a
following command frame
2 × tBIT
µs
Non-Volatile Memory Write Delay
tWRITE(E)
Required delay from the trailing edge of the
second EEPROM Programming pulse to the
leading edge of a following command frame
2 × tBIT
µs
Read Acknowledge Delay
tREAD
Required delay from the trailing edge of a Read
Acknowledge frame to the leading edge of a
following command frame
2 × tBIT
µs
Read Delay
tstart_read
Delay from the trailing edge of a Read
command frame to the leading edge of the Read
Acknowledge frame
25 μs –
0.25 ×
tBIT
50 μs
–0.25 ×
tBIT
150 μs
– 0.25 ×
tBIT
µs
EEPROM Programming Pulse
EEPROM Programming Pulse
Setup Time
tsPULSE(E)
Delay from last edge of write command to start
of EEPROM programming pulse
40
μs
Input/Output Signal Voltage
Manchester Code High Voltage
VMAN(H)
Applied to VCC line
5.1
V
Read from VOUT line
VCC
0.2 V
V
Manchester Code Low Voltage
VMAN(L)
Applied to VCC line
3.9
V
Read from VOUT line
0.2
V
Manchester Level to VCC Delay
tMAN_VCC
15
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn