Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1365 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part No. A1365
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button A1365 Datasheet HTML 18Page - Allegro MicroSystems A1365 Datasheet HTML 19Page - Allegro MicroSystems A1365 Datasheet HTML 20Page - Allegro MicroSystems A1365 Datasheet HTML 21Page - Allegro MicroSystems A1365 Datasheet HTML 22Page - Allegro MicroSystems A1365 Datasheet HTML 23Page - Allegro MicroSystems A1365 Datasheet HTML 24Page - Allegro MicroSystems A1365 Datasheet HTML 25Page - Allegro MicroSystems A1365 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Over Magnetic Field Fault
During normal operation, the ¯F¯¯A¯¯U¯¯L¯¯T¯ pin is in a high-impedance
state. The combination of an internal pull-up resistance with an
internal current source enables the ¯F¯¯A¯¯U¯¯L¯¯T¯ pin to be pulled high.
After the ¯F¯¯A¯¯U¯¯L¯¯T¯ pin reaches VSAT(HIGH), the current source is
shut down.
The user could install an external pull-up resistor on the ¯F¯¯A¯¯U¯¯L¯¯T¯
pin to reduce the amount of time required by the ¯F¯¯A¯¯U¯¯L¯¯T¯ pin to
reach VSAT(HIGH) after a fault event passes. An external pull-up
resistor can be connected to a voltage (VF(PULLUP)) different
from VCC as long as it remains within the VF(PULLUP) limits. If
VF(PULLUP) is less than VCC, the current provided by the internal
current source, IIF(PULLUP), will flow through the external pull-up
resistance causing a small voltage drop.
The A1365 offers a 6-bit programmable Ratiometric Fault as well
as a 2-bit programmable Ratiometric Fault Hysteresis.
Figure 17 illustrates the impact of programming 60 mV of Fault
Hysteresis on the Fault Switchpoint:
• FAULT_THRESH = 0, setting Positive and Negative Field
Fault Switchpoint (VFPSP, VFNSP) to the middle of their
programmable range.
• FAULT_HYST = 2, setting Fault Hysteresis Level to 60 mV.
The Fault Switchpoint is not affected by the selected Fault
Hysteresis Level.
The speed and accuracy with which a fault is triggered are
characterized by the Transient Fault Response Time (tTFR), the
DC Fault Switchpoint Error (errDFS), and the Fault Delay Due to
Load Capacitance (tFDC).
Figure 17: Fault Hysteresis Behavior at FAULT_
THRESH = 0, FAULT_HYST = 2
VFHYST
VFPSP
3940
4000
VFAULT (V)
5.0
0.1
VOUT (mV)
Figure 18: Fault Functional Circuit
GND
VF(PULLUP)
IIF(PULLUP)
RIF(PULLUP)
VCC
RF(PULLUP)
VOUT
A1365
VCC
V+
CBYPASS
CL
CF
(Optional)
FAULT
Figure 16: Fault Switchpoint Programming Profile
0313263
Max Specified
Switchpoint
Min Specified
Switchpoint
Mid Range
Fault
Switchpoint (V)
Specified Fault
Switchpoint Range
FLT_THRESH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn