Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1340 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1340
Description  High Precision Programmable Linear Hall Effect Sensor IC with EEPROM, Analog Output, and Advanced Output Linearization
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1340 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1340 Datasheet HTML 9Page - Allegro MicroSystems A1340 Datasheet HTML 10Page - Allegro MicroSystems A1340 Datasheet HTML 11Page - Allegro MicroSystems A1340 Datasheet HTML 12Page - Allegro MicroSystems A1340 Datasheet HTML 13Page - Allegro MicroSystems A1340 Datasheet HTML 14Page - Allegro MicroSystems A1340 Datasheet HTML 15Page - Allegro MicroSystems A1340 Datasheet HTML 16Page - Allegro MicroSystems A1340 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
High Precision Programmable Linear Hall Effect Sensor IC
with EEPROM, Analog Output, and Advanced Output Linearization
A1340
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Ambient Temperature, TA (°C)
-60
-40
-20
0
20
40
60
80
100
140
120
160
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
VCC (V)
4.5
5.5
Average Sensitivity Ratiometry
versus Ambient Temperature
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
Ambient Temperature, TA (°C)
-60
-40
-20
0
20
40
60
80
100
140
120
160
VCC (V)
4.5
5.5
Average Quiescent Voltage Output Ratiometry
versus Ambient Temperature
-60
-40
-20
0
20
40
60
80
100
140
120
160
Ambient Temperature, TA (°C)
2.580
2.560
2.540
2.520
2.500
2.480
2.460
2.440
2.420
Average + 3 sigma
Average – 3 sigma
Average
Factory Programmed Quiescent Voltage Output
versus Ambient Temperature
Change in Ambient Temperature, ∆TA (°C)
0.700
0.500
0.300
0.100
-0.200
-0.300
-0.500
-0.700
-60
-80
-40
-20
0
20
40
60
80
100
140
120
Average + 3 sigma
Average – 3 sigma
Average
Factory Programmed Quiescent Voltage Output
Drift versus Ambient Temperature
Average + 3 sigma
Average – 3 sigma
Average
8.580
8.530
8.480
8.430
8.380
8.330
8.280
8.230
8.180
8.130
8.080
-60
160
-40
-20
0
20
40
60
80
100
140
120
Ambient Temperature, TA (°C)
Factory Programmed Sensitivity
versus Ambient Temperature
Average + 3 sigma
Average – 3 sigma
∆TA relative to TA = 25°C
Average
0.050
0.040
0.030
0.020
0.010
0
-0.010
-0.020
-0.030
-0.040
-0.050
Change in Ambient Temperature, ∆TA (°C)
-60
-80
-40
-20
0
20
40
60
80
100
140
120
Factory Programmed Sensitivity Drift
versus Ambient Temperature
∆TA relative to TA = 25°C


Similar Part No. - A1340

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
A1341LKTTN-T ALLEGRO-A1341LKTTN-T Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
A1342 ALLEGRO-A1342 Datasheet
1Mb / 48P
   Programmable Linear Hall IC with Advanced Diagnostics for Safety-Critical Applications
A1342LUCTN-T ALLEGRO-A1342LUCTN-T Datasheet
1Mb / 48P
   Programmable Linear Hall IC with Advanced Diagnostics for Safety-Critical Applications
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
   High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
More results

Similar Description - A1340

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
   High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Melexis Microelectronic...
MLX90288 MELEXIS-MLX90288 Datasheet
308Kb / 19P
   SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Siemens Semiconductor G...
TLE4910G SIEMENS-TLE4910G Datasheet
290Kb / 11P
   HALL-EFFECT IC WITH ANALOG OUTPUT
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com