Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1301 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1301
Description  Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1301 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1301_16 Datasheet HTML 1Page - Allegro MicroSystems A1301_16 Datasheet HTML 2Page - Allegro MicroSystems A1301_16 Datasheet HTML 3Page - Allegro MicroSystems A1301_16 Datasheet HTML 4Page - Allegro MicroSystems A1301_16 Datasheet HTML 5Page - Allegro MicroSystems A1301_16 Datasheet HTML 6Page - Allegro MicroSystems A1301_16 Datasheet HTML 7Page - Allegro MicroSystems A1301_16 Datasheet HTML 8Page - Allegro MicroSystems A1301_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Continuous-Time Ratiometric
Linear Hall Effect Sensor ICs
A1301 and
A1302
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
DEVICE CHARACTERISTICS
over operating temperature range, TA, and VCC = 5 V, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage
VCC
Running, TJ < 165°C
4.5
6
V
Supply Current
ICC
Output open
11
mA
Output Voltage
VOUT(High)
ISOURCE = –1 mA, Sens = nominal
4.65
4.7
V
VOUT(Low)
ISINK = 1 mA, Sens = nominal
0.2
0.25
V
Output Bandwidth
BW
20
kHz
Power-On Time
tPO
VCC(min) to 0.95 VOUT; B = ±1400 G;
Slew rate = 4.5 V/µs to 4.5 V/100 ns
3
5
µs
Output Resistance
ROUT
ISINK ≤ 1 mA, ISOURCE ≥ –1 mA
2
5
Ω
Wide Band Output Noise, rms
VOUTN
External output low pass filter ≤ 10 kHz;
Sens = nominal
150
µV
Ratiometry
Quiescent Output Voltage Error with
respect to ∆VCC1
ΔVOUTQ(V)
TA = 25°C
±3.0
%
Magnetic Sensitivity Error with
respect to ∆VCC2
ΔSens(V)
TA = 25°C
±3.0
%
Output
Linearity
Lin
TA = 25°C
±2.5
%
Symmetry
Sym
TA = 25°C
±3.0
%
Magnetic Characteristics
Quiescent Output Voltage
VOUTQ
B = 0 G; TA = 25°C
2.4
2.5
2.6
V
Quiescent Output Voltage over
Operating Temperature Range
VOUTQ(ΔT
A)
B = 0 G
2.2
2.8
V
Magnetic Sensitivity
Sens
A1301; TA = 25°C
2.0
2.5
3.0
mV/G
A1302; TA = 25°C
1.0
1.3
1.6
mV/G
Magnetic Sensitivity over Operating
Temperature Range
Sens(ΔT
A)
A1301
1.8
3.2
mV/G
A1302
0.85
1.75
mV/G
1
Refer to equation (4) in Ratiometric section on page 4.
2
Refer to equation (5) in Ratiometric section on page 4.


Similar Part No. - A1301_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1301ELHLT ALLEGRO-A1301ELHLT Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301ELHLT-T ALLEGRO-A1301ELHLT-T Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301ELHLT-T ALLEGRO-A1301ELHLT-T Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301EUA ALLEGRO-A1301EUA Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301EUA-T ALLEGRO-A1301EUA-T Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results

Similar Description - A1301_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com