Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HC393NSRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74HC393NSRE4
Description  DUAL 4-BIT BINARY COUNTERS
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC393NSRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC393NSRE4 Datasheet HTML 1Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 2Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 3Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 4Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 5Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 6Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 7Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 8Page - Texas Instruments SN74HC393NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54HC393, SN74HC393
DUAL 4BIT BINARY COUNTERS
SCLS143D − DECEMBER 1982 − REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Dual 4-Bit Binary Counters With Individual
Clocks
D Direct Clear for Each 4-Bit Counter
D Can Significantly Improve System
Densities by Reducing Counter Package
Count by 50 Percent
description/ordering information
The ’HC393 devices contain eight flip-flops and
additional gating to implement two individual 4-bit
counters in a single package. These devices
comprise two independent 4-bit binary counters,
each having a clear (CLR) and a clock (CLK)
input. N-bit binary counters can be implemented
with each package, providing the capability of
divide by 256. The ’HC393 devices have parallel
outputs from each counter stage so that any
submultiple of the input count frequency is
available for system timing signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC393N
SN74HC393N
Tube of 50
SN74HC393D
SOIC − D
Reel of 2500
SN74HC393DR
HC393
SOIC − D
Reel of 250
SN74HC393DT
HC393
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC393NSR
HC393
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC393DBR
HC393
Tube of 90
SN74HC393PW
TSSOP − PW
Reel of 2000
SN74HC393PWR
HC393
TSSOP − PW
Reel of 250
SN74HC393PWT
HC393
CDIP − J
Tube of 25
SNJ54HC393J
SNJ54HC393J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC393W
SNJ54HC393W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC393FK
SNJ54HC393FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2CLR
NC
2QA
NC
2QB
1QA
NC
1QB
NC
1QC
SN54HC393 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN54HC393 ...J OR W PACKAGE
SN74HC393 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLK
1CLR
1QA
1QB
1QC
1QD
GND
VCC
2CLK
2CLR
2QA
2QB
2QC
2QD
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn