Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1202 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1202
Description  Continuous-Time Bipolar Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1202 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1202_16 Datasheet HTML 3Page - Allegro MicroSystems A1202_16 Datasheet HTML 4Page - Allegro MicroSystems A1202_16 Datasheet HTML 5Page - Allegro MicroSystems A1202_16 Datasheet HTML 6Page - Allegro MicroSystems A1202_16 Datasheet HTML 7Page - Allegro MicroSystems A1202_16 Datasheet HTML 8Page - Allegro MicroSystems A1202_16 Datasheet HTML 9Page - Allegro MicroSystems A1202_16 Datasheet HTML 10Page - Allegro MicroSystems A1202_16 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Continuous-Time Bipolar Switch Family
A1202
and A1203
7
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Bipolar Device Switching
The devices of the A120X family provide highly sensitive switch-
ing for applications using magnetic fields of alternating polarities,
such as ring magnets. There are three switching modes for bipolar
devices, referred to as latch, unipolar switch, and negative switch.
Mode is determined by the switchpoint characteristics of the indi-
vidual device. The characteristic hysteresis, BHYS, of the device,
is the difference in the relative magnetic strength and polarity
of the switchpoints of the device. (Note that, in the following
descriptions, a negative magnetic value indicates a north polar-
ity field, and a positive magnetic value indicates a south polarity
field. For a given value of magnetic strength, BX, the values –BX
and BX indicate two fields of equal strength, but opposite polarity.
B = 0 indicates the absence of a magnetic field.)
Bipolar devices typically behave as latches. In this mode,
magnetic fields of opposite polarity and equivalent strengths
are needed to switch the output. When the magnetic fields are
removed (B → 0) the device remains in the same state until a
magnetic field of the opposite polarity and of sufficient strength
causes it to switch. The hysteresis of latch mode behavior is
shown in panel A of Figure 1.
In contrast to latching, when a device exhibits unipolar switch-
ing, it only responds to a south magnetic field. The field must be
of sufficient strength, > BOP, for the device to operate. When the
field is reduced beyond the BRP level, the device switches back to
the high state, as shown in panel B of Figure 1. Devices exhibit-
ing negative switch behavior operate in a similar but opposite
manner. A north polarity field of sufficient strength, > BRP, (more
north than BRP) is required for operation, although the result is
that VOUT switches high, as shown in panel C. When the field is
reduced beyond the BOP level, the device switches back to the low
state.
The typical output behavior of the A120x devices is latching.
That is, switching to the low state when the magnetic field at the
Hall element exceeds the operate point threshold, BOP. At this
point, the output voltage is VOUT(SAT). When the magnetic field is
Figure 1: Bipolar Device Output Switching Modes
These behaviors can be exhibited when using a circuit such as that shown in panel D. Panel A displays the hysteresis when a device exhibits
latch mode (note that the BHYS band incorporates B= 0), panel B shows unipolar switch behavior (the BHYS band is more positive than B = 0),
and panel C shows negative switch behavior (the BHYS band is more negative than B = 0). Bipolar devices, such as the 120x family, can oper-
ate in any of the three modes.
B
HYS
V
OUT(SAT)
V+
0
B
HYS
V
OUT(SAT)
V+
0
B
HYS
V
OUT(SAT)
V+
0
V
CC
V
CC
V
CC
B+
B–
B+
B– 0
0
B+
B–
0
(A)
(B)
(C)
VCC
VS
Output
GND
VOUT
RL
A120x
(D)


Similar Part No. - A1202_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202 ALLEGRO-A1202_12 Datasheet
363Kb / 14P
   The Allegro A1202 and A1203 Hall-effect bipolar switches are next-generation replacements and extension of the popular Allegro A3133 and A3132 bipolar switch product line.
More results

Similar Description - A1202_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com