Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1192LLHLT-T2 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1192LLHLT-T2
Description  Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1192LLHLT-T2 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1192LLHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 10Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 11Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 12Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 13Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Programmable, Chopper-Stabilized,
Two-Wire Hall-Effect Switches
A119x and A119x-F
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 2. Typical application circuits
0.1 µF
VCC
GND
A119x
V+
RSENSE
ECU
0.1 µF
VCC
GND
A119x
V+
RSENSE
VCC
GND
A119x
V+
ECU
VCC
GND
A119x
V+
VCC
GND
A119x
V+
ECU
VCC
GND
A119x
V+
C
BYP
0.01 µF
GND
GND
RSENSE
C
BYP
0.01 µF
C
BYP
0.01 µF
C
BYP
0.01 µF
RSENSE
RSENSE
RSENSE
(A) Low-Side Sensing (LH package)
(B) High-Side Sensing (LH package)
(C) Low-Side Sensing (UA package)
(D) High-Side Sensing (UA package)
(E) Low-Side Sensing (UB package)
(F) High-Side Sensing (UB package)


Similar Part No. - A1192LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1192LLHLT-T2 ALLEGRO-A1192LLHLT-T2 Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1192LLHLT-T2 ALLEGRO-A1192LLHLT-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1192LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com