Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54HC240W Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC240W
Description  OCTAL BUFFERS AND LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54HC240W Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54HC240W Datasheet HTML 1Page - Texas Instruments SNJ54HC240W Datasheet HTML 2Page - Texas Instruments SNJ54HC240W Datasheet HTML 3Page - Texas Instruments SNJ54HC240W Datasheet HTML 4Page - Texas Instruments SNJ54HC240W Datasheet HTML 5Page - Texas Instruments SNJ54HC240W Datasheet HTML 6Page - Texas Instruments SNJ54HC240W Datasheet HTML 7Page - Texas Instruments SNJ54HC240W Datasheet HTML 8Page - Texas Instruments SNJ54HC240W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54HC240, SN74HC240
OCTAL BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS128D − DECEMBER 1982 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current Outputs Drive Up To 15
LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 9 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54HC240 ...J OR W PACKAGE
SN74HC240 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54HC240...FK PACKAGE
(TOP VIEW)
description/ordering information
These octal buffers and line drivers are designed specifically to improve both the performance and density of
3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The ’HC240
devices are organized as two 4-bit buffers/drivers with separate output-enable (OE) inputs. When OE is low,
the device passes inverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 20
SN74HC240N
SN74HC240N
SOIC − DW
Tube of 25
SN74HC240DW
HC240
SOIC − DW
Reel of 2000
SN74HC240DWR
HC240
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC240NSR
HC240
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74HC240DBR
HC240
Tube of 70
SN74HC240PW
TSSOP − PW
Reel of 2000
SN74HC240PWR
HC240
TSSOP − PW
Reel of 250
SN74HC240PWT
HC240
CDIP − J
Tube of 20
SNJ54HC240J
SNJ54HC240J
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54HC240W
SNJ54HC240W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC240FK
SNJ54HC240FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SNJ54HC240W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC240W TI-SNJ54HC240W Datasheet
491Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND DRIVERS WITH 3-STATE OUTPUTS
SNJ54HC240W TI-SNJ54HC240W Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
More results

Similar Description - SNJ54HC240W

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54HCT541 TI1-SN54HCT541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HCT541 TI-SN54HCT541_06 Datasheet
452Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com