Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC393DT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC393DT
Description  DUAL 4-BIT BINARY COUNTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC393DT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HC393DT Datasheet HTML 4Page - Texas Instruments SN74HC393DT Datasheet HTML 5Page - Texas Instruments SN74HC393DT Datasheet HTML 6Page - Texas Instruments SN74HC393DT Datasheet HTML 7Page - Texas Instruments SN74HC393DT Datasheet HTML 8Page - Texas Instruments SN74HC393DT Datasheet HTML 9Page - Texas Instruments SN74HC393DT Datasheet HTML 10Page - Texas Instruments SN74HC393DT Datasheet HTML 11Page - Texas Instruments SN74HC393DT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74HC393NSRE4
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SN74HC393PW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SN74HC393PWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SN74HC393PWR
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SN74HC393PWRG4
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SN74HC393PWT
ACTIVE
TSSOP
PW
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SN74HC393PWTE4
ACTIVE
TSSOP
PW
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SN74HC393PWTG4
ACTIVE
TSSOP
PW
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC393
SNJ54HC393FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
84100012A
SNJ54HC
393FK
SNJ54HC393J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
8410001CA
SNJ54HC393J
SNJ54HC393W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
8410001DA
SNJ54HC393W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - SN74HC393DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC393DT TI-SN74HC393DT Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393DT TI-SN74HC393DT Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393DTE4 TI-SN74HC393DTE4 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393DTE4 TI-SN74HC393DTE4 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393DTG4 TI-SN74HC393DTG4 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
More results

Similar Description - SN74HC393DT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com