Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F373DBLE Datasheet(PDF) 14 Page - Texas Instruments

Part # SN74F373DBLE
Description  OCTAL TRANSPARENT D-TYPE LATCHES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F373DBLE Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74F373DBLE Datasheet HTML 10Page - Texas Instruments SN74F373DBLE Datasheet HTML 11Page - Texas Instruments SN74F373DBLE Datasheet HTML 12Page - Texas Instruments SN74F373DBLE Datasheet HTML 13Page - Texas Instruments SN74F373DBLE Datasheet HTML 14Page - Texas Instruments SN74F373DBLE Datasheet HTML 15Page - Texas Instruments SN74F373DBLE Datasheet HTML 16Page - Texas Instruments SN74F373DBLE Datasheet HTML 17Page - Texas Instruments SN74F373DBLE Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


Similar Part No. - SN74F373DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F373DBLE TI-SN74F373DBLE Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F373DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS373A TI1-SN54ALS373A_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74LVC573 UTC-U74LVC573_15 Datasheet
241Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74LVC373 UTC-U74LVC373_15 Datasheet
226Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Texas Instruments
CD54HCT373 TI1-CD54HCT373_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74AHCT373 UTC-U74AHCT373_15 Datasheet
234Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373 UTC-U74HCT373_15 Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com