Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F244DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F244DWG4
Description  OCTAL BUFFERS/DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F244DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F244DWG4 Datasheet HTML 1Page - Texas Instruments SN74F244DWG4 Datasheet HTML 2Page - Texas Instruments SN74F244DWG4 Datasheet HTML 3Page - Texas Instruments SN74F244DWG4 Datasheet HTML 4Page - Texas Instruments SN74F244DWG4 Datasheet HTML 5Page - Texas Instruments SN74F244DWG4 Datasheet HTML 6Page - Texas Instruments SN74F244DWG4 Datasheet HTML 7Page - Texas Instruments SN74F244DWG4 Datasheet HTML 8Page - Texas Instruments SN74F244DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54F244, SN74F244
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SDFS063A − D2932, MARCH 1987 − REVISED OCTOBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Package Options Include Plastic
Small-Outline (SOIC) and Shrink
Small-Outline (SSOP) Packages, Ceramic
Chip Carriers, and Plastic and Ceramic
DIPs
description
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. Taken together with the
′F240 and
′F241, these devices provide the choice of
selected
combinations
of
inverting
and
noninverting outputs, symmetrical OE (active-low
output-enable) inputs, and complementary OE
and OE inputs.
The
′F244 is organized as two 4-bit buffers/line
drivers with separate output enable (OE) inputs.
When OE is low, the device passes data from the
A inputs to the Y outputs. When OE is high, the
outputs are in the high-impedance state.
The SN74F244 is available in TI’s shrink
small-outline package (DB), which provides the
same I/O pin count and functionality of standard
small-outline packages in less than half the
printed-circuit-board area.
The SN54F244 is characterized for operation over
the full military temperature range of − 55
°C to
125
°C. The SN74F244 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54F244 ...J PACKAGE
SN74F244 . . . DB, DW, OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54F244 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F244DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F244DWG4 TI-SN74F244DWG4 Datasheet
497Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74F244DWG4 TI-SN74F244DWG4 Datasheet
643Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F244DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54AHC540 TI1-SN54AHC540_15 Datasheet
1Mb / 27P
[Old version datasheet]   Octal Buffers/Drivers
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com