Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S520DBTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S520DBTR
Description  TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S520DBTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD12S520DBTR Datasheet HTML 3Page - Texas Instruments TPD12S520DBTR Datasheet HTML 4Page - Texas Instruments TPD12S520DBTR Datasheet HTML 5Page - Texas Instruments TPD12S520DBTR Datasheet HTML 6Page - Texas Instruments TPD12S520DBTR Datasheet HTML 7Page - Texas Instruments TPD12S520DBTR Datasheet HTML 8Page - Texas Instruments TPD12S520DBTR Datasheet HTML 9Page - Texas Instruments TPD12S520DBTR Datasheet HTML 10Page - Texas Instruments TPD12S520DBTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
5V_SUPPLY
DDC_DAT_OUT
HOTPLUG_DET_OUT
ESD_BYP
LV Supply
LV Supply
CE_REMOTE_IN
CE_REMOTE_OUT
DDC_DAT_IN
LV Supply
LV Supply
DDC_CLK_IN
DDC_CLK_OUT HOTPLUG_DET_IN
TPD12S520
www.ti.com
SLVS640F – OCTOBER 2007 – REVISED FEBRUARY 2015
7 Detailed Description
7.1 Overview
The TPD12S520 is a single-chip ESD solution for the HDMI receiver port. In many cases the core ICs, such as
the scalar chipset, may not have robust ESD cells to sustain system-level ESD strikes. In these cases, the
TPD12S520 provides the desired system-level ESD protection, such as the IEC61000-4-2 (Level 4) ESD, by
absorbing the energy associated with the ESD strike.
While providing the ESD protection, the TPD12S520 adds little or no additional glitch in the high-speed
differential signals (see Figure 7 and Figure 8). The high-speed TMDS lines add only 0.8-pF capacitance to the
lines. In addition, the monolithic integrated circuit technology ensures that there is excellent matching between
the two-signal pair of the differential line. This is a direct advantage over discrete ESD clamp solutions where
variations between two different ESD clamps may significantly degrade the differential signal quality.
The low-speed control lines offer voltage-level shifting to eliminate the need for an external voltage level-shifter
IC. The control line ESD clamps add 3.5-pF capacitance to the control lines. The 38-pin DBT package offers a
seamless layout routing option to eliminate the routing glitch for the differential signal pairs. DBT package pitch
(0.5 mm) matches with HDMI connector pitch. In addition, pin mapping follows the same order as the HDMI
connector pin mapping. The 24-pin RMN package offers flow through routing using only two layers for highly
integrated, space-efficient full HDMI protection.
7.2 Functional Block Diagram
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD12S520


Similar Part No. - TPD12S520DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
More results

Similar Description - TPD12S520DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com